Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5423 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # EL5423
Description  12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5423 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button EL5423 Datasheet HTML 8Page - Renesas Technology Corp EL5423 Datasheet HTML 9Page - Renesas Technology Corp EL5423 Datasheet HTML 10Page - Renesas Technology Corp EL5423 Datasheet HTML 11Page - Renesas Technology Corp EL5423 Datasheet HTML 12Page - Renesas Technology Corp EL5423 Datasheet HTML 13Page - Renesas Technology Corp EL5423 Datasheet HTML 14Page - Renesas Technology Corp EL5423 Datasheet HTML 15Page - Renesas Technology Corp EL5423 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
EL5123, EL5223, EL5323, EL5423
FN7176 Rev 3.00
Page 12 of 17
August 31, 2010
Applications Information
Product Description
The EL5123, EL5223, EL5323, and EL5423 unity gain buffers
are fabricated using a high voltage CMOS process. It exhibits
rail-to-rail input and output capability and has low power
consumption (600µA per buffer). These features make the
EL5123, EL5223, EL5323, and EL5423 ideal for a wide range
of general-purpose applications. When driving a load of 10k
and 12pF, the EL5123, EL5223, EL5323, and EL5423 have a -
3dB bandwidth of 12MHz and exhibits 15V/µs slew rate.
Operating Voltage, Input, and Output
The EL5123, EL5223, EL5323, and EL5423 are specified with
a single nominal supply voltage from 5V to 15V or a split
supply with its total range from 5V to 15V. Correct operation is
guaranteed for a supply range of 4.5V to 16.5V. Most EL5123,
EL5223, EL5323, and EL5423 specifications are stable over
both the full supply range and operating temperatures of -40°C
to +85°C. Parameter variations with operating voltage and/or
temperature are shown in the “Typical Performance Curves” on
page 8.
The output swings of the EL5123, EL5223, EL5323, and
EL5423 typically extend to within 50mV of positive and negative
supply rails with load currents of 5mA. Decreasing load currents
will extend the output voltage range even closer to the supply
rails. Figure 24 shows the input and output waveforms for the
device. Operation is from ±5V supply with a 10k
load
connected to GND. The input is a 10VP-P sinusoid. The output
voltage is approximately 9.985VP-P.
FIGURE 24. OPERATION WITH RAIL-TO-RAIL INPUT AND
OUTPUT
Short Circuit Current Limit
The EL5123, EL5223, EL5323, and EL5423 will limit the short
circuit current to ±120mA if the output is directly shorted to the
positive or the negative supply. If an output is shorted
indefinitely, the power dissipation could easily increase such
that the device may be damaged. Maximum reliability is
maintained if the output continuous current never exceeds
±30mA. This limit is set by the design of the internal metal
interconnects.
Output Phase Reversal
The EL5123, EL5223, EL5323, and EL5423 are immune to
phase reversal as long as the input voltage is limited from VS- -
0.5V to VS+ +0.5V. Figure 25 shows a photo of the output of
the device with the input voltage driven beyond the supply
rails. Although the device's output will not change phase, the
input's over-voltage should be avoided. If an input voltage
exceeds supply voltage by more than 0.6V, electrostatic
protection diodes placed in the input stage of the device begin
to conduct and overvoltage damage could occur.
FIGURE 25. OPERATION WITH BEYOND-THE-RAILS INPUT
Power Dissipation
With the high-output drive capability of the EL5123, EL5223,
EL5323, and EL5423 buffer, it is possible to exceed the
+125°C “absolute-maximum junction temperature” under
certain load current conditions. Therefore, it is important to
calculate the maximum junction temperature for the application
to determine if load conditions need to be modified for the
buffer to remain in the safe operating area.
The maximum power dissipation allowed in a package is
determined according to Equation 1:
where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
JA = Thermal resistance of the package
PDMAX = Maximum power dissipation in the package
The maximum power dissipation actually produced by an IC is
the total quiescent supply current times the total power supply
voltage, plus the power in the IC due to the loads, or:
5V
5V
10µs
VS = ±5V
TA = +25°C
VIN = 10VP-P
1V
1V
10µs
VS=±2.5V
TA=25°C
VIN=6VP-P
PDMAX
TJMAX TAMAX
–
d JA
---------------------------------------------
=
(EQ. 1)
PDMAX
iV
S
ISMAX VS+
VOUTi ILOADi
–
+
=
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com