Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5423 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # EL5423
Description  12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5423 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button EL5423 Datasheet HTML 5Page - Renesas Technology Corp EL5423 Datasheet HTML 6Page - Renesas Technology Corp EL5423 Datasheet HTML 7Page - Renesas Technology Corp EL5423 Datasheet HTML 8Page - Renesas Technology Corp EL5423 Datasheet HTML 9Page - Renesas Technology Corp EL5423 Datasheet HTML 10Page - Renesas Technology Corp EL5423 Datasheet HTML 11Page - Renesas Technology Corp EL5423 Datasheet HTML 12Page - Renesas Technology Corp EL5423 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
EL5123, EL5223, EL5323, EL5423
FN7176 Rev 3.00
Page 9 of 17
August 31, 2010
FIGURE 7. PSRR vs FREQUENCY
FIGURE 8. OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 9. INPUT NOISE SPECTRAL DENSITY vs FREQUENCY
FIGURE 10. INPUT OFFSET VOLTAGE DISTRIBUTION
FIGURE 11. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 12. OUTPUT HIGH VOLTAGE vs TEMPERATURE
Typical Performance Curves (Continued)
100
80
60
40
20
0
VS = ±5V
PSRR+
PSRR-
1k
10M
FREQUENCY (Hz)
10k
100k
1M
600
480
360
240
120
0
VS = ±5V
TA = +25°C
100k
1M
10M
100M
FREQUENCY (Hz)
100
10
1
10k
100M
FREQUENCY (Hz)
100k
1M
10M
25
20
15
10
5
0
INPUT OFFSET VOLTAGE (mV)
2.5
1.5
0.5
-0.5
-1.5
-2.5
VS = ±5V
-35
85
TEMPERATURE (°C)
-15
25
65
545
4.955
4.950
4.945
4.940
4.935
4.925
4.930
VS = ±5V
IOUT = 5mA
-35
85
TEMPERATURE (°C)
-15
25
65
545



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com