Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5423 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL5423
Description  12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5423 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL5423 Datasheet HTML 7Page - Renesas Technology Corp EL5423 Datasheet HTML 8Page - Renesas Technology Corp EL5423 Datasheet HTML 9Page - Renesas Technology Corp EL5423 Datasheet HTML 10Page - Renesas Technology Corp EL5423 Datasheet HTML 11Page - Renesas Technology Corp EL5423 Datasheet HTML 12Page - Renesas Technology Corp EL5423 Datasheet HTML 13Page - Renesas Technology Corp EL5423 Datasheet HTML 14Page - Renesas Technology Corp EL5423 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
EL5123, EL5223, EL5323, EL5423
FN7176 Rev 3.00
Page 11 of 17
August 31, 2010
FIGURE 19. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 20. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 21. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 22. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 23. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
1µs/DIV
1V/DIV
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD, QFN EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
25
50
75
100
125
150
85
AMBIENT TEMPERATURE (°C)
2.857W
2.703W
JA = +37°C/W
QFN24
JA = +35°C/W
QFN32
JEDEC JESD51-3 AND SEMI G42-88
(SINGLE LAYER) TEST BOARD
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
714mW
JA = +140°C/W
QFN24
JA = +132°C/W
QFN32
0
25
50
75
100
125
150
85
AMBIENT TEMPERATURE (°C)
758mW
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
85
AMBIENT TEMPERATURE (°C)
1.111W
1.333W
870mW
JA = +95°C/W
TSSOP20
JA = +115°C/W
MSOP10
JA = +85°C/W
TSSOP24
JA = +75°C/W
TSSOP28
1.176W
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
25
50
75
100
125
150
85
AMBIENT TEMPERATURE (°C)
486mW
JA = +206°C/W
MSOP10
714mW
JA = +140°C/W
TSSOP20
JA = +120°C/W
TSSOP28
JA = +128°C/W
TSSOP24
833mW
781mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com