Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5423 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL5423
Description  12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5423 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL5423 Datasheet HTML 4Page - Renesas Technology Corp EL5423 Datasheet HTML 5Page - Renesas Technology Corp EL5423 Datasheet HTML 6Page - Renesas Technology Corp EL5423 Datasheet HTML 7Page - Renesas Technology Corp EL5423 Datasheet HTML 8Page - Renesas Technology Corp EL5423 Datasheet HTML 9Page - Renesas Technology Corp EL5423 Datasheet HTML 10Page - Renesas Technology Corp EL5423 Datasheet HTML 11Page - Renesas Technology Corp EL5423 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
EL5123, EL5223, EL5323, EL5423
FN7176 Rev 3.00
Page 8 of 17
August 31, 2010
Typical Performance Curves
FIGURE 1. OUTPUT SWING vs FREQUENCY
FIGURE 2. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY
FIGURE 3. OVERSHOOT vs LOAD CAPACITANCE
FIGURE 4. SETTLING TIME vs STEP SIZE
FIGURE 5. FREQUENCY RESPONSE FOR VARIOUS CL
FIGURE 6. FREQUENCY RESPONSE FOR VARIOUS RL
12
10
8
6
4
2
0
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±5V
RL = 10k
0.018
0.016
0.014
0.012
0.01
0.008
0.006
VS = ±5V
RL = 10k
VIN = 2VP-P
1k
10k
100k
FREQUENCY (Hz)
80
70
60
50
40
20
0
30
10
VS = ±5V
RL = 10k
VIN = 100mV
10
100
1k
CAPACITANCE (pF)
10
6
2
-6
-10
200
400
650
SETTLING TIME (ns)
-2
250 300 350
450 500 550 600
VS = ±5V
RL = 10k
CL = 12pF
20
10
0
-10
-20
-30
VS = ±5V
RL = 10k
1000pF
100k
1M
10M
100M
FREQUENCY (Hz)
12pF
100pF
47pF
20
10
0
-10
-20
-30
VS = ±5V
CL = 10pF
100k
1M
10M
100M
FREQUENCY (Hz)
10k
150
562
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com