Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5423 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL5423
Description  12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5423 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL5423 Datasheet HTML 6Page - Renesas Technology Corp EL5423 Datasheet HTML 7Page - Renesas Technology Corp EL5423 Datasheet HTML 8Page - Renesas Technology Corp EL5423 Datasheet HTML 9Page - Renesas Technology Corp EL5423 Datasheet HTML 10Page - Renesas Technology Corp EL5423 Datasheet HTML 11Page - Renesas Technology Corp EL5423 Datasheet HTML 12Page - Renesas Technology Corp EL5423 Datasheet HTML 13Page - Renesas Technology Corp EL5423 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
EL5123, EL5223, EL5323, EL5423
FN7176 Rev 3.00
Page 10 of 17
August 31, 2010
FIGURE 13. SLEW RATE vs TEMPERATURE
FIGURE 14. OUTPUT LOW VOLTAGE vs TEMPERATURE
FIGURE 15. VOLTAGE GAIN vs TEMPERATURE
FIGURE 16. SUPPLY CURRENT PER CHANNEL vs
TEMPERATURE
FIGURE 17. SUPPLY CURRENT PER CHANNEL vs SUPPLY
VOLTAGE
FIGURE 18. SMALL SIGNAL TRANSIENT RESPONSE
Typical Performance Curves (Continued)
15.1
14.1
14.9
14.7
14.5
14.3
VS = ±5V
-35
85
TEMPERATURE (°C)
-15
25
65
545
-4.934
-4.938
-4.942
-4.946
-4.954
-4.950
VS = ±5V
IOUT = -5mA
-35
85
TEMPERATURE (°C)
-15
25
65
545
1.0014
1.0006
1.0000
0.9998
1.0010
VS = ±5V
-35
85
TEMPERATURE (°C)
-15
25
65
545
0.62
0.63
0.66
0.65
0.64
VS = ±5V
-35
85
TEMPERATURE (°C)
-15
25
65
545
0.71
0.69
0.67
0.65
0.63
18
SUPPLY VOLTAGE (V)
4
6
10
12
14
16
8
TA = +25°C
200ns/DIV
50mV/DIV
VS = ±5V
RL = 10k
CL = 12pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com