Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97649AIRZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL97649AIRZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97649AIRZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL97649AIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ISL97649A
FN7928 Rev 3.00
Page 10 of 22
June 27, 2013
FIGURE 7. GPM CIRCUIT WAVEFORM
FIGURE 8. GPM CIRCUIT WAVEFORM
FIGURE 9. VGHM FOLLOWS VGH WHEN THE SYSTEM POWERS OFF
FIGURE 10. VCOM RISING SLEW RATE
FIGURE 11. LDO LINE REGULATION vs VIN
FIGURE 12. LDO LOAD REGULATION vs ILDO
Typical Performance Curves (Continued)
CE = 10pF, RE = 50k
VGHM
CE = 10pF, RE = 150k
VGHM
VGHM
2.4836
2.4838
2.4840
2.4842
2.4844
2.4846
2.4848
2.4850
2.4852
2.4854
3.0
3.5
4.0
4.5
5.0
5.5
VLDO_IN (V)
ILDO = 1mA
-0.030
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0
50
100
150
200
250
300
350
ILDO (mA)
VLDO = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com