Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97649AIRZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL97649AIRZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97649AIRZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL97649AIRZ Datasheet HTML 1Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 2Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FN7928 Rev 3.00
Page 1 of 22
June 27, 2013
FN7928
Rev 3.00
June 27, 2013
ISL97649A
TFT-LCD Supply + DCP + VCOM Amplifier + Gate Pulse Modulator + RESET
DATASHEET
The ISL97649A is an integrated power management IC (PMIC) for
TFT-LCDs used in notebooks, tablet PCs, and monitors. The device
integrates a boost converter for generating AVDD, an LDO for
VLOGIC. VON and VOFF are generated by a charge pump driven by
the switch node of the boost. The ISL97649A also includes a VON
slice circuit, reset function, and a high performance VCOM
amplifier with DCP (Digitally Controlled Potentiometer) that is
used as a VCOM calibrator.
The AVDD boost converter features a 1.5A/0.18boost FET with
600/1200kHz switching frequency.
The logic LDO includes a 350mA FET for driving the low voltage
needed by external digital circuitry.
The gate pulse modulator can control the gate voltage up to 30V,
and both the rate and slew delay times are selectable.
The supply monitor generates a reset signal when the system is
powered down.
It provides a programmable VCOM with I2C interface. One VCOM
amplifier is also integrated in the chip. The output of the VCOM is
powered up with the voltage at the last programmed 8-bit
EEPROM setting.
Features
• 2.5V to 5.5V input
•1.5A, 0.18Ω integrated boost FET
•VON/VOFF supplies generated by charge pumps driven by the
boost switch node
• LDO for VLOGIC channel
• 600/1200kHz selectable switching frequency
• Integrated gate pulse modulator
• Reset signal generated by supply monitor
• Integrated VCOM amplifier
•DCP
-I2C serial interface, address: 0101000, MSB left
- Wiper position stored in 8-bit nonvolatile memory and
recalled on power-up
- Endurance, 1,000 data changes per bit
• UVLO, UVP, OVP, OCP, and OTP protection
• Pb-free (RoHS compliant)
• 28 Ld 4x5 QFN
Applications
• LCD notebook, tablet, and monitor
Pin Configuration
ISL97649A
(28 LD 4x5 QFN)
TOP VIEW
FB
PGND
CE
RE
VGH
VGHM
VFLK
L_IN
CD2
L_OUT
RESET
ADJ
VDIV
NEG
1
2
3
4
5
6
7
22
21
20
19
18
17
16
28
27
26
25
24
23
9
101112
13
14
VDPM
8
VOUT
15
GND
THERMAL
PAD
NOT RECOMMENDE
D FOR NEW DESIGN
S
RECOMMENDED RE
PLACEMENT PART
ISL97649AR5566


Similar Part No. - ISL97649AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97649AIRZ INTERSIL-ISL97649AIRZ Datasheet
1,008Kb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Renesas Technology Corp
ISL97649AIRZ-TR5566 RENESAS-ISL97649AIRZ-TR5566 Datasheet
1Mb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
More results

Similar Description - ISL97649AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
ISL97649A INTERSIL-ISL97649A Datasheet
1,008Kb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649B INTERSIL-ISL97649B Datasheet
929Kb / 19P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Richtek Technology Corp...
RT8901 RICHTEK-RT8901 Datasheet
182Kb / 10P
35V Gate Pulse Modulator for LCD Panels
logo
Renesas Technology Corp
ISL97649B RENESAS-ISL97649B Datasheet
1Mb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AR5566 RENESAS-ISL97649AR5566 Datasheet
1Mb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL98665 RENESAS-ISL98665 Datasheet
1Mb / 23P
TFT-LCD Supplies DVR VCOM Amplifier
June 27, 2013
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
TFT-LCD Power Supply with VCOM Amplifier
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com