Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97649AIRZ Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ISL97649AIRZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97649AIRZ Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ISL97649AIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 16Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 17Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 18Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ISL97649A
FN7928 Rev 3.00
Page 15 of 22
June 27, 2013
All I2C interface operations must begin with a START condition,
which is a HIGH to LOW transition of SDA while SCL is HIGH. The
DCP continuously monitors the SDA and SCL lines for the START
condition and does not respond to any command until this
condition is met (see Figure 17). A START condition is ignored
during the power-up sequence and during internal non-volatile
write cycles.
All I2C interface must be terminated by a STOP condition, which
is a LOW to HIGH transition of SDA while SCL is high (see
Figure 17). A STOP condition at the end of a read operation, or at
the end of a write operation to volatile bytes only places the
device in its standby mode. A STOP condition during a write
operation to a non-volatile write byte, initiates an internal
non-volatile write cycle. The device enters its standby state when
the internal non-volatile write cycle is completed.
An ACK (Acknowledge) is a software convention used to indicate
a successful data transfer. The transmitting device, either master
or slave, releases the SDA bus after transmitting eight bits.
During the ninth clock cycle, the receiver pulls the SDA line LOW
to acknowledge the reception of the eight bits of data (see
Figure 18).
The ISL97649A DCP responds with an ACK after recognition of a
START condition followed by a valid Identification Byte, and once
again after successful receipt of an Address Byte. The ISL97649A
also respond with an ACK after receiving a Data Byte of a write
operation. The master must respond with an ACK after receiving
a Data Byte of a read operation.
A valid Identification Byte contains 0101000 as the seven MSBs.
The LSB is in the Read/Write bit. Its value is "1" for a Read
operation, and "0" for a Write operation (see Table 7).
Write Operation
A write operation requires a START condition, followed by a valid
Identification Byte, a valid Address Byte, a Data Byte, and a STOP
condition (see Figure 19). After each of the three bytes, the
ISL97649A responds with an ACK. At this time, if the Data Byte is
to be written only to volatile registers, the device enters its
standby state. If the Data Byte is to be written also to non-volatile
memory, the ISL97649A begins its internal write cycle to
non-volatile memory. During the internal non-volatile write cycle,
the device ignores transitions at the SDA and SCL pins and the
SDA output is at high impedance state. When the internal
non-volatile write cycle is completed, the ISL97649A enters its
standby state. The byte at address 02h determines if the Data
Byte is to be written to volatile and/or non-volatile memory.
Data Protection
A STOP condition also acts as a protection of non-volatile
memory. A valid Identification Byte, Address Byte, and total
number of SCL pulses act as a protection of both volatile and
non-volatile registers. During a Write sequence, the Data Byte is
loaded into an internal shift register as it is received. If the
Address Byte is 0 or 2, the Data Byte is transferred to the Wiper
Register (WR) or to the Access Control Register respectively, at
the falling edge of the SCL pulse that loads the last bit (LSB) of
the Data Byte. If the Address Byte is 0, and the Access Control
Register is all zeros (default), then the STOP condition initiates
the internal write cycle to non-volatile memory.
TABLE 7. IDENTIFICATION BYTE FORMAT
0
101
000
R/W
(MSB)
(LSB)
TABLE 8. I2C INTERFACE SPECIFICATION
PARAMETER
MIN
TYP
MAX
UNITS
SDA and SCL Rise Time
1000
ns
SDA and SCL Fall Time
300
ns
I2C Bus Capacitive Load
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com