Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97649AIRZ Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL97649AIRZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97649AIRZ Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL97649AIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 16Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 17Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 18Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 19Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 20Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 21Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
ISL97649A
FN7928 Rev 3.00
Page 20 of 22
June 27, 2013
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you
have the latest revision.
DATE
REVISION
CHANGE
June 11, 2013
FN7928.3
Made correction to Equation 10 on page 13
From: VGH_headroom = (N + 1)*AVDD - N*Vd - VGH > 0
To: VGH_headroom = (N + 1)*AVDD - 2*N*Vd - VGH > 0
October 2, 2012
FN7928.2
Removed retired evaluation board ISL97649AIRTZ-EVALZ from “Ordering Information” on page 3.
Corrected Figure 2 title on page 9 from “IAVDD LOAD REGULATION vs IAVDD” to “AVDD LOAD REGULATION
vs IAVDD”.
Corrected Figure 3 title on page 9 from “IAVDD LINE REGULATION vs VIN” to “AVDD LINE REGULATION vs
VIN”.
Corrected Y axis of Figure 11 on page 10 from "VILDO" to “VLDO”.
Added "“VGH/VGL Charge Pump” on page 13.
Added Figures 15 and 16 to page 14.
Corrected Equation 14 on page 18.
Corrected Equation 15 on page 18.
June 19, 2012
FN7928.1
Page 1, "Features"
Changed “1.5A Integrated Boost for Up to 15V AVDD"
To: "1.5A, 0.18Ω integrated Boost FET"
May 23, 2012
Revised Equation 13 on page 18 from:
to:
April 5, 2012
Changed pin 13, POS description in “Pin Descriptions” on page 3 from "VCOM Positive Amplifier Non-
inverting input" to "VCOM Amplifier Non-inverting input"
Changed pin 16, NEG description in “Pin Descriptions” on page 3 from "VCOM Negative Amplifier Non-
inverting input" to "VCOM Amplifier inverting input"
“Absolute Maximum Ratings” on page 5. Changed:
LX, AVDD, POS, OUT to GND . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +18V
to:
LX, AVDD, POS, NEG, VOUT to GND . . . . . . . . . . . . . . . . . . -0.3 to +18V
December 5, 2011
FN7928.0
Initial Release
RSET V_AVDD 100
A
RSET V_AVDD 20x100
A




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com