Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97649AIRZ Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL97649AIRZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97649AIRZ Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL97649AIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 16Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 17Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 18Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 19Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 20Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 21Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ISL97649A
FN7928 Rev 3.00
Page 18 of 22
June 27, 2013
Initial VCOM Setting
A 256-step resolution is provided under digital control, which
adjusts the sink current of the output. The output is connected to
an external voltage divider, so that the device will have the
capability to reduce the voltage on the output by increasing the
output sink current. The equations that control the output are
given in the following. The initial setting value is at 128. The WR
value is set back to 128 if any error occurs during I2C read or
write communication. When writing to the EEPROM, VGH needs
to be higher than 12V when AVDD is 8V. Outside these
conditions, writing operations may be not successful. The
minimum resistor value of RSET is determined by the following
equations:
where RL, RU and RSET in Equation 15 correspond to R7, R8 and
R9 in the Application Diagram on page 2.
Start-up Sequence
When VIN rising exceeds UVLO, it takes 120µs to read the
settings stored in the chip in order to activate the chip correctly.
After all the settings are written in the registers, VLOGIC starts up
with a 0.5ms soft-start time. When both VLOGIC is in regulation
and EN is high, the boost converter starts up. The Gate Pulse
modulator output VGHM is held low until VDPM is charged to
1.215V. The detailed power on sequence is shown in Figure 21.
Layout Recommendation
The device's performance, including efficiency, output noise,
transient response and control loop stability, is affected by the
PCB layout. PCB layout is critical, especially at high switching
frequency.
Following are some general guidelines for layout:
1. Place the external power components (the input capacitors,
output capacitors, boost inductor and output diodes, etc.) in
close proximity to the device. Traces to these components
should be kept as short and wide as possible to minimize
parasitic inductance and resistance.
2. Place VDC and VREF bypass capacitors close to the pins.
3. Loops with large AC amplitudes and fast slew rate should be
made as small as possible.
4. The feedback network should sense the output voltage
directly from the point of load, and be as far away from the LX
node as possible.
5. The power ground (PGND) should be connected at the
ISL97649A exposed die plate area.
6. The exposed die plate, on the underside of the package,
should be soldered to an equivalent area of metal on the PCB.
This contact area should have multiple via connections to the
back of the PCB as well as connections to intermediate PCB
layers, if available to maximize thermal dissipation away from
the IC.
7. To minimize the thermal resistance of the package when
soldered to a multi-layer PCB, the amount of copper track and
ground plane area connected to the exposed die plate should
be maximized and spread out as far as possible from the IC.
The bottom and top PCB areas especially should be
maximized to allow thermal dissipation to the surrounding air.
8. Minimize feedback input track lengths to avoid switching
noise pick-up.
A demo board is available to illustrate the proper layout
implementation.
(EQ. 13)
RSET V_AVDD 20x100
A

IOUT
255 Setting
–
256
-------------------------------------
VAVDD
20 RSET

-----------------------------
=
(EQ. 14)
VOUT
RL VAVDD
RU RL
+

--------------------------------
1
255 Setting
–
256
-------------------------------------
RU
20 RSET

-----------------------------
–


=
(EQ. 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com