Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97649AIRZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL97649AIRZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97649AIRZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL97649AIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 16Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ISL97649A
FN7928 Rev 3.00
Page 13 of 22
June 27, 2013
Gate Pulse Modulator Circuit
The gate pulse modulator circuit functions as a three way
multiplexer, switching VGHM between ground, GPM_LO and VGH.
Voltage selection is provided by digital inputs VDPM (enable) and
VFLK (control). High to low delay and slew control is provided by
external components on pins CE and RE, respectively.
When VDPM is LOW, the block is disabled and VGHM is
grounded. When the input voltage exceeds UVLO threshold,
VDPM starts to drive an external capacitor. Once VDPM exceeds
1.215V, the GPM circuit is enabled, and the output VGHM is
determined by VFLK, RESET signal and VGH voltage. If RESET
signal is high and VFLK is high, VGHM is pulled to VGH. When
VFLK goes low, there is a delay controlled by capacitor CE,
following which, VGHM is driven to GPM_LO, with a slew rate
controlled by resistor RE. Note that GPM_LO is used only as a
reference voltage for an amplifier, and thus does not have to
source or sink a significant DC current.
Low to high transition is determined primarily by the switch
resistance and the external capacitive load. High to low transition
is more complex. Take the case where the block is already
enabled (VDPM is H). When VFLK is H, if CE is not externally
pulled above threshold voltage 1, pin CE is pulled low. On the
falling edge of VFLK, a current is passed into pin CE to charge the
external capacitor up to threshold voltage 2, providing a delay
which is adjustable by varying the capacitor on CE. Once this
threshold is reached, the output starts to be pulled down from
VGH to GPM_LO. The maximum slew current is equal to 500/(RE
+ 40k), and the dv/dt slew rate is Isl/CLOAD, where CLOAD is the
load capacitance applied to VGHM. The slew rate reduces as
VGHM approaches GPM_LO.
If CE is always pulled up to a voltage above threshold 1, zero
delay mode is selected; thus, there will be no delay from FLK
falling to the point where VGHM starts to fall. Slew down currents
will be identical to the previous case.
At power-down, when VIN falls to UVLO, VGHM will be tied to VGH
until the VGH voltage falls to 3V. Once the VGH voltage falls below
3V, VGHM will not be actively driven until VIN is driven. Figure 14
shows the VGHM voltage based on VIN, VGH and RESET.
VGH/VGL Charge Pump
To provide VGH and VGL rails for the application, two external
charge pumps driven by AVDD and the boost switching node can
be used to generate the desired VGH and VGL, as shown in the
“Application Diagram” on page 2.
The number of charge pump stages can be calculated using
Equations 9 and 10.
Where N is the number of charge pump stages and Vd is the
forward voltage drop of one Schottky diode used in the charge
pump. Vd varies with forward current and ambient temperature,
so it should be the maximum value in the diode datasheet
according to max forward current and lowest temperature in the
application condition.
Once the number of the charge pump stages is determined, the
maximum current that the charge pump can deliver can be
calculated using Equations 11 and 12:
Where Freq is the switching frequency of the AVDD boost, C_fly is
the flying capacitance (C8, C10, C11 in the application diagram).
IVGL and IVGH are the loadings of VGL and VGH. The relationships
between minimum flying capacitance and VGL and VGH loadings
are shown in Figures 15 and 16. The flying capacitance must be
higher than the minimum value shown in Figures 15 and 16 for a
certain loading on VGL and VGH.
VGH_M is forced to
VGH when RESET
goes to low AND
VGH>3V
Power on delay time
is controlled by
CDPM
Slope is controlled
by RE
Delay time is controlled
by CE
FIGURE 14. GATE PULSE MODULATOR TIMING DIAGRAM
VIN
UVLO
0
VGH
RESET
VDPM
VFLK
VGHM
THRESHOLD
VGH
GPM_LO
POWER-ON DELAY TIME
CONTROLLED BY CDPM
SLOPE IS
CONTROLLED BY RE
DELAY TIME IS
CONTROLLED BY CE
VGHM IS FORCED
TO VGH WHEN VIN
1.215V
FALLS TO UVLO AND
VGH>3V
VGL_headroom
NAVDD 2NVd
–
VGL
0
–
=
(EQ. 9)
(EQ. 10)
VGH_headroom
N 1
+
AVDD 2NVd
–
VGH 0
–
=
VGL
N AVDD 2Vd
IVGL FreqC_fly

++
–

=
(EQ. 11)
VGH
AVDD N AVDD 2Vd
–
IVGH
–
FreqC_fly


+
=
(EQ. 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com