Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97649AIRZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL97649AIRZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97649AIRZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL97649AIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL97649AIRZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
ISL97649A
FN7928 Rev 3.00
Page 12 of 22
June 27, 2013
Output Capacitor
The output capacitor supplies the load directly and reduces the
ripple voltage at the output. Output ripple voltage consists of two
components:
1. The voltage drop due to the inductor ripple current flowing
through the ESR of the output capacitor.
2. Charging and discharging of the output capacitor.
For low ESR ceramic capacitors, the output ripple is dominated
by the charging and discharging of the output capacitor. The
voltage rating of the output capacitor should be greater than the
maximum output voltage.
Note: Capacitors have a voltage coefficient that makes their
effective capacitance drop as the voltage across them increases.
COUT in Equation 6 assumes the effective value of the capacitor
at a particular voltage and not the manufacturer’s stated value,
measured at 0V.
Table 4 shows some selections of output capacitors.
Compensation
The boost converter of ISL97649A can be compensated by an RC
network connected from the COMP pin to ground. 15nF and 5.5k
RC network is used in the demo board. The larger value resistor
and lower value capacitor can lower the transient overshoot,
however, at the expense of the stability of the loop.
Linear Regulator (LDO)
The ISL97649A includes an LDO with adjustable output. It can
supply current up to 350mA. The output voltage is adjusted by
connection of the ADJ pin.
The efficiency of the LDO depends on the difference between
input voltage and output voltage (Equation 7) by assuming LDO
quiescent current is much lower than LDO output current:
The less difference between input and output voltage, the higher
efficiency it is.
Ceramic capacitors are recommended for the LDO input and
output capacitors. Intersil recommends an output capacitor
within the 1µF to 4.7µF range and a maximum feedback resistor
impedance of 20kΩ. Larger capacitors help to reduce noise and
deviation during transient load change. Some capacitors are
recommended in Table 5.
Supply Monitor Circuit
The Supply Monitor circuit monitors the voltage on VDIV, and sets
open-drain output RESET low when VDIV is below 1.28V (rising)
or 1.22V (falling).
There is a delay on the rising edge, controlled by a capacitor on
CD2. When VDIV exceeds 1.28V (rising), CD2 is charged up from
0V to 1.217V by a 10µA current source. Once CD2 exceeds
1.217V, RESET will go tri-state. When VDIV falls below 1.22V,
RESET will become low with a 650Ω pull-down resistance. The
delay time is controlled by Equation 8:
For example, the delay time is 12.17ms if the CD2 = 100nF.
Figure 13 shows the Supply Monitor Circuit timing diagram.
10µH/
2.2Apeak
6.6x7.3x1.2 Cyntec PCME061B-100MS
PCB
space/profile
optimization
TABLE 3. BOOST CONVERTER RECTIFIER DIODE RECOMMENDATION
DIODE
VR/IAVG RATING
PACKAGE
MFG
PMEG2010ER
20V/1A
SOD123W NXP
MSS1P2U
20V/1A
MicroSMP VISHAY
TABLE 4. BOOST OUTPUT CAPACITOR RECOMMENDATION
CAPACITOR
SIZE
MFG
PART NUMBER
10µF/25V
1210
TDK
C3225X7R1E106M
10µF/25V
1210
Murata
GRM32DR61E106K
TABLE 2. BOOST CONVERTER INDUCTOR RECOMMENDATION
INDUCTOR
DIMENSIONS
(mm)
MFG
PART
NUMBER
NOTE
VRIPPLE
ILPK ESR
VO VIN
–
VO
------------------------
IO
COUT
----------------
1
fs
----
+
=
(EQ. 6)
TABLE 5. LDO OUTPUT CAPACITOR RECOMMENDATION
CAPACITOR
SIZE
MFG
PART NUMBER
1µF/10V
0603
TDK
C1608X7R1A105K
1µF/6.3V
0603
MURATA GRM188R70J105K
2.2µF/6.3V
0603
TDK
C1608X7R0J225K
 %

VLDO_IN
VLDO_OUT
------------------------------



100%
=
(EQ. 7)
tdelay
121.7k CD2
=
(EQ. 8)
VDIV
RESET
1.28V
1.22V
1.217V
CD2
RESET DELAY TIME IS
CONTROLLED BY CD2
CAPACITOR
FIGURE 13. SUPPLY MONITOR CIRCUIT TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com