Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8178FSZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL8178FSZ
Description  Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8178FSZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL8178FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
EL8178
FN7504 Rev 7.00
Page 3 of 13
May 14, 2008
VOUT
Maximum Output Voltage Swing
SOT-23/SO-8
VOL; Output low,
RL = 100k to (V+ + V-)/2
3
10
mV
VOL; Output low,
RL = 1k to (V+ + V-)/2
130
250
mV
350
mV
VOH; Output high,
RL = 100k to (V+ + V-)/2
4.994
4.9975
V
VOH; Output high,
RL = 1k to (V+ + V-)/2
4.750
4.875
V
4.7
V
SR
Slew Rate
0.10
0.15
0.19
V/µs
0.07
0.25
V/µs
GBWP
Gain Bandwidth Product
fO = 100kHz
266
kHz
IS(ON)
Supply Current, Enabled
SOT-23/SO-8
35
55
75
µA
30
85
µA
IS(OFF)
Supply Current, Disabled
3
5
µA
ISC+
Short Circuit Output Sourcing Current RL = 10 to opposite supply
23
31
mA
18
mA
ISC-
Short Circuit Output Sinking Current
RL = 10 to opposite supply
20
26
mA
15
mA
VS
Supply Voltage
Guaranteed by PSRR
2.4
5.5
V
2.4
5.5
V
VINH
EN Pin High Level
2
V
VINL
EN Pin Low Level
0.8
V
IENH
EN Pin Input Current
VEN = 5V
0.25
0.8
2.5
µA
IENL
EN Pin Input Current
VEN = 0V
-0.5
+0.5
µA
NOTE:
3. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications
V+ = 5V, V- = 0V, VCM = 2.5V, VO = 2.5V, TA = +25°C unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 3)
TYP
MAX
(Note 3)
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com