Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8178FSZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # EL8178FSZ
Description  Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8178FSZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  EL8178FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
EL8178
FN7504 Rev 7.00
Page 5 of 13
May 14, 2008
FIGURE 7. OPEN LOOP GAIN AND PHASE vs FREQUENCY
(RL = 100k)
FIGURE 8. CMRR vs FREQUENCY
FIGURE 9. PSRR vs FREQUENCY
FIGURE 10. INPUT VOLTAGE AND CURRENT NOISE vs
FREQUENCY
FIGURE 11. 0.1Hz TO 10Hz INPUT VOLTAGE NOISE
Typical Performance Curves VS = ±2.5V, TA = +25°C, Unless Otherwise Specified (Continued)
-10
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
180
135
90
GAIN
PHASE
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
FREQUENCY (Hz)
0
VCM = 1VP-P
RL = 100k
10
100
1k
10k
100k
1M
AV = +1
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
10
100
1k
10k
100k
FREQUENCY (Hz)
+PSRR
-PSRR
VS = 1VP-P
RL = 100k
AV = +1
1M
1
10
100
1000
1
10
100
1k
10k
100k
FREQUENCY (Hz)
0.1
1
10
100
CURRENT
VOLTAGE
TIME (1s/DIV)
2.8µVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com