Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8178FSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL8178FSZ
Description  Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8178FSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL8178FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FN7504 Rev 7.00
Page 1 of 13
May 14, 2008
FN7504
Rev 7.00
May 14, 2008
EL8178
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
DATASHEET
The EL8178 is a precision low power, operational amplifier.
The device is optimized for single supply operation between
2.4V to 5.5V. This enables operation from one lithium cell or
two Ni-Cd batteries. The input range includes both positive
and negative rail.
For power sensitive applications, the EL8178 has and EN
pin that will shut the device down and reduce the supply
current to 3µA typ. In the active state, the EL8178 draws
minimal supply current (55µA) while meeting excellent
DC-accuracy, noise, and output drive specifications.
Features
• Typical 55µA supply current
• 250µV max offset voltage
• Typical 1pA input bias current
• 266kHz gain-bandwidth product
• Single supply operation between 2.4V to 5.5V
• Rail-to-rail input and output
• Ground sensing
• Output sources and sinks 26mA load current
• Pb-free (RoHS compliant)
Applications
• Battery- or solar-powered systems
• 4mA to 20mA current loops
• Handheld consumer products
• Medical devices
• Thermocouple amplifiers
• Photodiode pre-amps
• pH probe amplifiers
Ordering Information
PART
NUMBER
(Note 1)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
EL8178FWZ-T7*
BBWA
6 Ld SOT-23
MDP0038
EL8178FWZ-T7A* BBWA
6 Ld SOT-23
MDP0038
EL8178FSZ
8178FSZ
8 Ld SO
MDP0027
EL8178FSZ-T7*
8178FSZ
8 Ld SO
MDP0027
*Please refer to TB347 for details on reel specifications.
NOTE:
1. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials
and 100% matte tin plate PLUS ANNEAL - e3 termination finish,
which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
EL8178
(6 LD SOT-23)
TOP VIEW
EL8178
(8 LD SO)
TOP VIEW
1
2
3
6
4
5
+-
OUT
V-
IN+
V+
EN
IN-
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
EN
V+
OUT
V-
NC
FOR A POSSIBLE SUBSTITUTE PRODUCT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc
OBSOLETE PRODUCT


Similar Part No. - EL8178FSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8178FSZ INTERSIL-EL8178FSZ Datasheet
773Kb / 12P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 29, 2007
EL8178FSZ INTERSIL-EL8178FSZ Datasheet
804Kb / 15P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 17, 2008
EL8178FSZ-T7 INTERSIL-EL8178FSZ-T7 Datasheet
773Kb / 12P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 29, 2007
EL8178FSZ-T7 INTERSIL-EL8178FSZ-T7 Datasheet
804Kb / 15P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 17, 2008
More results

Similar Description - EL8178FSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
August 23, 2005
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
September 28, 2006
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
September 22, 2006
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
September 20, 2006
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 26, 2006
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 29, 2007
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 17, 2008
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
May 29, 2009
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com