Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8178FSZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL8178FSZ
Description  Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8178FSZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL8178FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
EL8178
FN7504 Rev 7.00
Page 2 of 13
May 14, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (VS) and Pwr-up Ramp Rate . . . . . . . 5.75V, 1V/µs
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Current into IN+, IN-, and EN. . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Tolerance
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance (Typical, Note 2)
JA (°C/W)
6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
230
8 Ld SO Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
125
Ambient Operating Temperature Range . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
2.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = 5V, V- = 0V, VCM = 2.5V, VO = 2.5V, TA = +25°C unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 3)
TYP
MAX
(Note 3)
UNIT
VOS
Input Offset Voltage
-250
50
250
µV
-450
450
µV
Long Term Input Offset Voltage
Stability
3µV/Mo
Input Offset Drift vs Temperature
1.1
µV/°C
IB
Input Bias Current
-25
1
25
pA
-600
600
pA
IOS
Input Offset Current
-30
10
30
pA
-600
600
pA
eN
Input Noise Voltage Peak-to-Peak
f = 0.1Hz to 10Hz
2.8
µVP-P
Input Noise Voltage Density
fO = 1kHz
48
nV/
Hz
iN
Input Noise Current Density
fO = 1kHz
0.15
pA/
Hz
CMIR
Input Voltage Range
Guaranteed by CMRR test
0
5
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 5V
80
100
dB
75
dB
PSRR
Power Supply Rejection Ratio
VS = 2.4V to 5.5V
80
100
dB
80
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.5V,
RL = 100k to (V+ + V-)/2
100
400
V/mV
100
VmV
V
OS
Time
------------------
V
OS
T
----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com