Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8178FSZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # EL8178FSZ
Description  Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8178FSZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button EL8178FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 9Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
EL8178
FN7504 Rev 7.00
Page 6 of 13
May 14, 2008
FIGURE 12. VOS DRIFT (SOT-23 PACKAGE) vs TIME
FIGURE 13. VOS DRIFT (SOIC PACKAGE) vs TIME
FIGURE 14. ENABLED SUPPLY CURRENT vs
TEMPERATURE, VS = ±2.5V
FIGURE 15. DISABLED SUPPLY CURRENT vs
TEMPERATURE, VS = ±2.5V
FIGURE 16. VOS vs TEMPERATURE, VS = ±2.5V
FIGURE 17. VOS vs TEMPERATURE, VS = ±1.2V
Typical Performance Curves VS = ±2.5V, TA = +25°C, Unless Otherwise Specified (Continued)
-15
-10
-5
0
5
10
15
20
0
500
1000
1500
TIME (HOURS)
1800
-12
-7
-2
3
8
13
18
0
500
1000
1500
TIME (HOURS)
35
40
45
50
55
60
65
70
75
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
MEDIAN
MIN
MAX
n = 1500
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
MEDIAN
MIN
MAX
n = 1500
-400
-300
-200
-100
0
100
200
300
400
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
MEDIAN
MIN
MAX
n = 1500
-800
-600
-400
-200
0
200
400
600
800
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
MEDIAN
MIN
MAX
n = 1500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com