Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8178FSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL8178FSZ
Description  Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8178FSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL8178FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
EL8178
FN7504 Rev 7.00
Page 4 of 13
May 14, 2008
Typical Performance Curves VS = ±2.5V, TA = +25°C, Unless Otherwise Specified
FIGURE 1. UNITY GAIN FREQUENCY RESPONSE at
VARIOUS SUPPLY VOLTAGES
FIGURE 2. FREQUENCY RESPONSE at VARIOUS CLOSED
LOOP GAINS
FIGURE 3. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 4. INPUT OFFSET VOLTAGE vs OUTPUT VOLTAGE
FIGURE 5. INPUT OFFSET VOLTAGE vs COMMON-MODE
INPUT VOLTAGE
FIGURE 6. OPEN LOOP GAIN AND PHASE vs FREQUENCY
(RL = 1k
-3
-2
-1
0
1
1k
10k
100k
1M
VS = ±1.0V
VS = ±2.5V
VS = ±1.25
FREQUENCY (Hz)
RL  10k
VOUT = 0.2VP-P
-20
-10
0
10
20
30
40
50
60
70
80
1
10
100
1k
10k
100k 1M
10M
FREQUENCY (Hz)
GAIN = 200
GAIN = 1k
GAIN = 500
GAIN = 100
GAIN = 10
GAIN = 1
GAIN = 5
GAIN = 2
RL  10k
VOUT = 0.2VP-P
2.0
3
4.0
5.5
0
SUPPLY VOLTAGE (V)
2.5
10
20
50
60
30
40
3.5
5.0
4.5
-0.5
5.5
-200
OUTPUT VOLTAGE (V)
-100
0
200
100
0.5
1.5
2.5
3.5
4.5
AV = -1
VCM = VDD/2
-0.5
5.5
-250
COMMON-MODE INPUT VOLTAGE (V)
-150
-50
250
150
0.5
1.5
2.5
3.5
4.5
50
-20
0
20
80
100
40
60
10
10k
1M
FREQUENCY (Hz)
100
0
45
90
135
180
100k
1k
PHASE
GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com