Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8178FSZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # EL8178FSZ
Description  Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8178FSZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button EL8178FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 9Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 10Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 11Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 12Page - Renesas Technology Corp EL8178FSZ Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
EL8178
FN7504 Rev 7.00
Page 9 of 13
May 14, 2008
Application Information
Introduction
The EL8178 is a rail-to-rail input and output (RRIO),
micropower, precision, single supply op amp with an enable
feature. This amplifier is designed to operate from single
supply (2.4V to 5.5V) or dual supply (±1.2V to ±2.75V) while
drawing only 55µA of supply current.The device achieves rail-
to-rail input and output operation while eliminating the
drawbacks of many conventional RRIO op amps.
Rail-to-Rail Input
The PFET input stage of the EL8178 has an input
common-mode voltage range that includes the negative and
positive supplies without introducing offset errors or degrading
performance like some existing rail-to-rail input op amps. Many
rail-to-rail input stages use two differential input pairs: a long-
tail PNP (or PFET) and an NPN (or NFET). Severe penalties
result from using this topology. As the input signal moves from
one supply rail to the other, the op amp switches from one
input pair to the other causing changes in input offset voltage
and an undesired change in the input offset current’s
magnitude and polarity.
The EL8178 achieves rail-to-rail input performance without
sacrificing important precision specifications and without
degrading distortion performance. The EL8178's input offset
voltage exhibits a smooth behavior throughout the entire
common-mode input range.
Rail-to-Rail Output
A pair of complementary MOSFET devices achieve rail-to-rail
output swing. The NMOS sinks current to swing the output in the
negative direction, while the PMOS sources current to swing the
output in the positive direction. The EL8178 with a 100k
 load
swings to within 3mV of the supply rails.
Results of Overdriving the Output
Caution should be used when overdriving the output for long
periods of time. Overdriving the output can occur in three ways:
1. The input voltage times the gain of the amplifier exceeds the
supply voltage by a large value.
2. The output current required is higher than the output stage can
deliver.
3. Operating the device in slew rate limit. These conditions can
result in a shift in the Input Offset Voltage (VOS) as much as
1µV/hr of exposure under these conditions.
Enable/Disable Feature
The EL8178 features an active low EN pin that when pulled up
to at least 2V, disables the output and drops the ICC to a 3µA.
The EN pin has an internal pull-down, so an undriven pin pulls
to the negative rail, thereby enabling the op amp by default.
For applications where the EN pin is not being used, it is
recommended that the EN pin be permanently tyed to ground.
The high impedance output during disable allows for
connecting multiple EL8178s together to implement a Mux
Amp. The outputs are connected together and activating the
appropriate EN pin selects the desired channel. If utilizing non-
unity gain op amp configurations, then the loading effects of
the disabled amplifiers’ feedback networks must be considered
Pin Descriptions
SO PIN
NUMBER
SOT-23 PIN
NUMBER
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
NC
No internal connection
2
4
IN-
Circuit 1
Amplifier’s inverting input
3
3
IN+
Circuit 1
Amplifier’s non-inverting input
4
2
V-
Circuit 4
Negative power supply
5
NC
No internal connection
6
1
OUT
Circuit 3
Amplifier’s output
7
6
V+
Circuit 4
Positive power supply
85
EN
Circuit 2
Amplifier’s enable pin with internal pull-down; Logic “1” selects the disabled
state; Logic “0” selects the enabled state.
EN
OUT
CIRCUIT 3
CIRCUIT 2
CAPACITIVELY
COUPLED
ESD CLAMP
CIRCUIT 4
V+
V+
V+
V-
V-
V-
IN-
V+
V-
CIRCUIT 1
IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com