Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SLLCEC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IMX6SLLCEC
Description  i.MX 6SLL
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SLLCEC Datasheet(HTML) 2 Page - NXP Semiconductors

  IMX6SLLCEC Datasheet HTML 1Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 2Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 3Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 4Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 5Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 6Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 7Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 8Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
i.MX 6SLL Applications Processors for Consumer Products, Rev. 0.2, 11/2017
2
NXP Semiconductors
Introduction
The i.MX 6SLL processor features:
•
Applications processor—The i.MX 6SLL incorporates a 996 MHz Cortex A9 with the NEON
SIMD engine and a floating point engine that is optimized for low power consumption and includes
hardware that allows dynamic voltage and frequency scaling (DVFS). This optimizes the voltage
to the processor as the frequency changes with the demands of the application.
•
Multilevel memory system—The multilevel memory system for the processor is based on the L1
instruction and data caches, L2 cache, and internal and external memory. The processor supports
many types of external memory devices, including LPDDR2, LPDDR3, and eMMC.
•
Powerful graphics acceleration—The processor has a 2D graphics processor called the pixel
processor (PXP) that can support CSC, dithering, rotation, resize, and overlay.
•
Interface flexibility—The processor supports connections to a variety of interfaces: high-speed
USB on-the-go with PHY, high-speed USB host PHY, multiple expansion card ports (high-speed
MMC/SDIO host and other), and a variety of other popular interfaces (such as UART, I2C, and
I2S).
•
Electronic Paper Display Controller—The processor integrates EPD controller that supports
E-INK color and monochrome with up to 2332 x 1650 resolution and 5-bit grayscale.
•
Advanced security—The processor delivers hardware-enabled security features that enable secure
information encryption, secure boot, and secure software downloads. The security features are
discussed in the i.MX 6SLL Security Reference Manual (IMX6SLLSRM). Contact your local NXP
representative for more information.
•
GPIO with interrupt capabilities—The GPIO pad design supports configurable dual voltage rails
at 1.8 V and 3.3 V supplies. The pad is configurable to interface at either voltage level.
1.1
Ordering Information
Table 1 shows the orderable part numbers covered by this data sheet.
Table 1. Example Orderable Part Numbers
Part Number
Feature
Temperature
(Tj)
Package
MCIMX6V7DVN10AB
Features supports:
• 996 MHz, commercial grade for general
purpose
• Basic security
• With LCD/CSI
• EPDC
• PXP
• eMMC 5.0/SD 3.0 x3
• USB OTG x2
•UART x5
• SSI x3
•Timer x3
•PWM x4
•I2C x4
• SPI x4
0 to +95
C
13 x 13 mm, 0.5 mm pitch BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com