Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SLLCEC Datasheet(PDF) 24 Page - NXP Semiconductors

Part # IMX6SLLCEC
Description  i.MX 6SLL
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SLLCEC Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button IMX6SLLCEC Datasheet HTML 20Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 21Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 22Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 23Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 24Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 25Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 26Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 27Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
i.MX 6SLL Applications Processors for Consumer Products, Rev. 0.2, 11/2017
24
NXP Semiconductors
Electrical Characteristics
4.2.2
Power-Down Sequence
For power-down sequence, the restrictions are as follows:
•
VDD_SNVS_IN supply must be turned off after all other power supply. It may be connected
(shorted) with VDD_HIGH_IN supply.
•
If a coin cell is used to power VDD_SNVS_IN, then ensure that it is removed after all other supply
are switched off.
4.2.3
Power Supplies Usage
All I/O pins should not be externally driven while the I/O power supply for the pin (NVCC33_IO and
NVCC18_IO) is OFF. This can cause internal latch-up and malfunctions due to reverse current flows. For
information about I/O power supply of each pin, see “Power Group” column of Table 63, "13 x 13 mm
Functional Contact Assignments," on page 71.
4.3
Integrated LDO Voltage Regulator Parameters
Various internal supplies can be powered ON from internal LDO voltage regulators. All the supply pins
named *_CAP must be connected to external capacitors. The onboard LDOs are intended for internal use
only and should not be used to power any external circuitry. See the i.MX 6SLL Reference Manual for
details on the power tree scheme recommended operation.
NOTE
The *_CAP signals should not be powered externally. These signals are
intended for internal LDO or LDO bypass operation only.
4.3.1
Regulators for Analog Modules
4.3.1.1
LDO_1P1
The LDO_1P1 regulator implements a programmable linear-regulator function from VDD_HIGH_IN (see
Table 9 for min and max input requirements). Typical Programming Operating Range is 1.0 V to 1.2 V
with the nominal default setting as 1.1 V. LDO_1P1 supplies the USB Phy and the PLLs. A programmable
brown-out detector is included in the regulator that can be used by the system to determine when the load
capability of the regulator is being exceeded to take the necessary steps. Current-limiting can be enabled
to allow for in-rush current requirements during start-up, if needed. Active-pull-down can also be enabled
for systems requiring this feature.
For information on external capacitor requirements for this regulator, see the Hardware Development
Guide for i.MX 6SLL Applications Processors (IMX6SLLHDG). For additional information, see the i.MX
6SLL Reference Manual (IMX6SLLRM).
4.3.1.2
LDO_2P5
The LDO_2P5 module implements a programmable linear-regulator function from VDD_HIGH_IN (see
Table 9 for min and max input requirements). Typical programming operating range is 2.25 V to 2.75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com