Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SLLCEC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # IMX6SLLCEC
Description  i.MX 6SLL
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SLLCEC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button IMX6SLLCEC Datasheet HTML 17Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 18Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 19Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 20Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 21Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 22Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 23Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 24Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
Electrical Characteristics
i.MX 6SLL Applications Processors for Consumer Products, Rev. 0.2, 11/2017
NXP Semiconductors
21
The decision to choose a clock source should be taken based on real-time clock use and precision time-out.
4.1.5
Maximum Supply Currents
The numbers shown in Table 11 represent the maximum current consumption possible.
See the i.MX 6SLL Power Consumption Measurement Application Note for more details on typical power
consumption under various use case definitions.
Table 11. Maximum Supply Currents
Power Line
Conditions
Max Current
Unit
VDD_ARM_IN
996 MHz Arm clock based on
Power Virus operation
1100
mA
VDD_SOC_IN
996 MHz Arm clock
650
mA
VDD_HIGH_IN
—
1001
1 The actual maximum current drawn from VDD_HIGH_IN will be as shown plus any additional current drawn from the
VDD_HIGH_CAP outputs, depending upon actual application configuration (for example, NVCC_DRAM_2P5 supplies).
mA
VDD_SNVS_IN
—
2502
2 The maximum VDD_SNVS_IN current may be higher depending on specific operating configurations, such as
BOOT_MODE[1:0] not equal to 00, or use of the Tamper feature. During initial power on, VDD_SNVS_IN can draw up to 1 mA,
if available. VDD_SNVS_CAP charge time will increase if less than 1 mA is available.
A
USB_OTG1_VBUS
USB_OTG2_VBUS
—253
3 This is the maximum current per active USB physical interface.
mA
Primary Interface (IO) Supplies
NVCC_DRAM
—
(see4)
4 The DRAM power consumption is dependent on several factors, such as external signal termination. DRAM power calculators
are typically available from the memory vendors. They take in account factors, such as signal termination.
See the i.MX 6SLL Power Consumption Measurement Application Note or examples of DRAM power consumption during
specific use case scenarios.
NVCC33_IO
N=156
Use maximum IO Equation5
5 General equation for estimated, maximum power consumption of an IO power supply:
Imax = N x C x V x (0.5 x F)
Where:
N—Number of IO pins supplied by the power line
C—Equivalent external capacitive load
V—IO voltage
(0.5 x F)—Data change rate. Up to 0.5 of the clock rate (F)
In this equation, Imax is in Amps, C in Farads, V in Volts, and F in Hertz.
NVCC18_IO
N=156
Use maximum IO Equation5
mA
MISC
DRAM_VREF
—
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com