Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SLLCEC Datasheet(PDF) 74 Page - NXP Semiconductors

Part # IMX6SLLCEC
Description  i.MX 6SLL
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SLLCEC Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button IMX6SLLCEC Datasheet HTML 70Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 71Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 72Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 73Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 74Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 75Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 76Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 77Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
i.MX 6SLL Applications Processors for Consumer Products, Rev. 0.2, 11/2017
74
NXP Semiconductors
Package Information and Contact Assignments
DRAM_D3
AB1
DRAM
DDR
ALT0
DRAM_D[3]
Input
PU
(100K)
PU
(100K)
DRAM_D30
B7
DRAM
DDR
ALT0
DRAM_D[30]
Input
PU
(100K)
PU
(100K)
DRAM_D31
A8
DRAM
DDR
ALT0
DRAM_D[31]
Input
PU
(100K)
PU
(100K)
DRAM_D4
AA3
DRAM
DDR
ALT0
DRAM_D[4]
Input
PU
(100K)
PU
(100K)
DRAM_D5
Y3
DRAM
DDR
ALT0
DRAM_D[5]
Input
PU
(100K)
PU
(100K)
DRAM_D6
Y1
DRAM
DDR
ALT0
DRAM_D[6]
Input
PU
(100K)
PU
(100K)
DRAM_D7
Y2
DRAM
DDR
ALT0
DRAM_D[7]
Input
PU
(100K)
PU
(100K)
DRAM_D8
E2
DRAM
DDR
ALT0
DRAM_D[8]
Input
PU
(100K)
PU
(100K)
DRAM_D9
E1
DRAM
DDR
ALT0
DRAM_D[9]
Input
PU
(100K)
PU
(100K)
DRAM_DQM0
V2
DRAM
DDR
ALT0
DRAM_DQM[0]
Output
0
PU
(100K)
DRAM_DQM1
G2
DRAM
DDR
ALT0
DRAM_DQM[1]
Output
0
PU
(100K)
DRAM_DQM2
AB3
DRAM
DDR
ALT0
DRAM_DQM[2]
Output
0
PU
(100K)
DRAM_DQM3
C3
DRAM
DDR
ALT0
DRAM_DQM[3]
Output
0
PU
(100K)
DRAM_SDCKE0
P2
DRAM
DDR
ALT0
DRAM_SDCKE[0]
Output
0
PD
(100K)
DRAM_SDCKE1
M2
DRAM
DDR
ALT0
DRAM_SDCKE[1]
Output
0
PD
(100K)
DRAM_SDCLK_0
L1
DRAM
DDRCL
K
ALT0
DRAM_SDCLK[0]
Input
Hi-Z
PU
(100K)
DRAM_SDCLK_0_B
M1
DRAM
—
—
—
—
—
—
DRAM_SDQS0
W2
DRAM
DDRCL
K
ALT0
DRAM_SDQS[0]
Input
Hi-Z
Not
connected
DRAM_SDQS0_B
W1
DRAM
—
—
—
—
—
—
Table 63. 13 x 13 mm Functional Contact Assignments (continued)
Ball Name
Ball
Power Group1
Ball
Type
Out of Reset Condition2
During
Reset
Condition
Default
Mode
(Reset
Mode)
Default Function
Input /
Output
Value3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com