Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SLLCEC Datasheet(PDF) 35 Page - NXP Semiconductors

Part # IMX6SLLCEC
Description  i.MX 6SLL
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SLLCEC Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button IMX6SLLCEC Datasheet HTML 31Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 32Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 33Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 34Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 35Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 36Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 37Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 38Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 90 page
background image
Electrical Characteristics
i.MX 6SLL Applications Processors for Consumer Products, Rev. 0.2, 11/2017
NXP Semiconductors
35
Table 27 shows the GPIO output buffer impedance (OVDD 3.3 V).
4.8.2
Single Voltage GPIO Output Buffer Impedance
Table 28 shows the GPIO output buffer impedance (OVDD 3.3 V).
4.8.3
DDR I/O Output Buffer Impedance
Table 29 shows DDR I/O output buffer impedance of i.MX 6SLL processor.
Table 26. DVGPIO Output Buffer Average Impedance (OVDD 1.8 V)
Parameter
Symbol
Drive Strength (ipp_dse)
Typ Value
Unit
Output Driver
Impedance
Rdrv
001
010
011
100
101
110
111
260
130
90
60
50
40
33
Table 27. DVGPIO Output Buffer Average Impedance (OVDD 3.3 V)
Parameter
Symbol
Drive Strength (ipp_dse)
Typ Value
Unit
Output Driver
Impedance
Rdrv
001
010
011
100
101
110
111
150
75
50
37
30
25
20
Table 28. GPIO Output Buffer Average Impedance (OVDD 3.3 V)
Parameter
Symbol
Drive Strength (ipp_dse)
Typ Value
Unit
Output Driver
Impedance
Rdrv
001
010
011
100
101
110
111
150
75
50
37
30
25
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com