Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SLLCEC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IMX6SLLCEC
Description  i.MX 6SLL
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SLLCEC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IMX6SLLCEC Datasheet HTML 9Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 10Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 11Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 12Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 13Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 14Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 15Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 16Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
Modules List
i.MX 6SLL Applications Processors for Consumer Products, Rev. 0.2, 11/2017
NXP Semiconductors
13
3.2
Recommended Connections for Unused Analog Interfaces
Table 5 shows the recommended connections for unused analog interfaces.
RTC_XTALI/
RTC_XTALO
If the user wishes to configure RTC_XTALI and RTC_XTALO as an RTC oscillator, a 32.768 kHz crystal
(
100 k ESR, 10 pF load) should be connected between RTC_XTALI and RTC_XTALO. Keep in mind
the capacitors implemented on either side of the crystal are about twice the crystal load capacitor. To hit
the exact oscillation frequency, the board capacitors need to be reduced to account for board and chip
parasitics. The integrated oscillation amplifier is self biasing, but relatively weak. Care must be taken to
limit parasitic leakage from RTC_XTALI and RTC_XTALO to either power or ground (>100 M
). This will
debias the amplifier and cause a reduction of startup margin. Typically RTC_XTALI and RTC_XTALO
should bias to approximately 0.5 V.
If it is desired to feed an external low frequency clock into RTC_XTALI, the RTC_XTALO pin must remain
unconnected or driven with a complimentary signal. The logic level of this forcing clock should not exceed
VDD_SNVS_CAP level and the frequency should be <100 kHz under typical conditions.
In the case when a high accuracy real time clock is not required, the system may use an internal low
frequency ring oscillator. It is recommended to connect RTC_XTALI to GND and keep RTC_XTALO
unconnected.
TEST_MODE
TEST_MODE is for NXP factory use. This signal is internally connected to an on-chip pull-down device.
The user must either disconnect this signal or tie it to GND.
XTALI/XTALO
A 24.0 MHz crystal should be connected between XTALI and XTALO. level and the frequency should be
<32 MHz under typical conditions.
The crystal must be rated for a maximum drive level of 250
W. An ESR (equivalent series resistance) of
typically 80
 is recommended. NXP BSP (board support package) software requires 24 MHz on
XTALI/XTALO.
The crystal can be eliminated if an external 24 MHz oscillator is available in the system. In this case,
XTALI must be directly driven by the external oscillator and XTALO is not connected. The XTALI signal
level must swing from ~0.8 x NVCC_PLL to ~0.2 V.
This clock is used as a reference for USB, so there are strict frequency tolerance and jitter requirements.
See the XTALOSC chapter and relevant interface specifications chapters of the i.MX 6SLL Reference
Manual for details.
ZQPAD
DRAM calibration resistor 240
 1% used as reference during DRAM output buffer driver calibration
should be connected between this pad and GND.
Table 4. JTAG Controller Interface Summary
JTAG
I/O Type
On-Chip Termination
JTAG_TCK
Input
47 k
pull-up
JTAG_TMS
Input
47 k
pull-up
JTAG_TDI
Input
47 k
pull-up
JTAG_TDO
3-state output
Keeper
JTAG_TRST_B
Input
47 k
pull-up
JTAG_MODE
Input
100 k
pull-up
Table 3. Special Signal Considerations (continued)
Signal Name
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com