Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SLLCEC Datasheet(PDF) 49 Page - NXP Semiconductors

Part # IMX6SLLCEC
Description  i.MX 6SLL
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SLLCEC Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button IMX6SLLCEC Datasheet HTML 45Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 46Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 47Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 48Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 49Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 50Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 51Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 52Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
Electrical Characteristics
i.MX 6SLL Applications Processors for Consumer Products, Rev. 0.2, 11/2017
NXP Semiconductors
49
4.10.6
Pulse Width Modulator (PWM) Timing Parameters
This section describes the electrical information of the PWM. The PWM can be programmed to select one
of three clock signals as its source frequency. The selected clock signal is passed through a prescaler before
being input to the counter. The output is available at the pulse-width modulator output (PWMn_OUT)
external pin (see external signals table in the i.MX 6SLL Reference Manual for PWM pin assignments).
Figure 23 depicts the timing of the PWM, and Table 44 lists the PWM timing parameters.
Figure 23. PWM Timing
4.10.7 LCD Controller (LCDIF) Parameters
Figure 24 shows the LCDIF timing and Table 45 lists the timing parameters.
Figure 24. LCD Timing
Table 44. PWM Output Timing Parameters
Reference Number
Parameter
Min
Max
Unit
PWM Module Clock Frequency
0
66
MHz
P1
PWM output pulse width high
15
—
ns
P2
PWM output pulse width low
9.1591
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com