Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 30 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADL5519ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 27Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 28Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 29Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 30Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 31Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 32Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 33Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
ADL5519
Data Sheet
Rev. B | Page 30 of 39
AUTOMATIC GAIN CONTROL
Figure 67 shows how the ADL5519 can be connected to provide
automatic gain control to an amplifier or signal chain. Additional
pins are omitted for clarity. In this configuration, both detectors
are connected in measurement mode with appropriate filtering
being used on CLPA, CLPB to provide adequate filtering of the
demodulated log output. OUTA, however, is also connected to
the VLVL pin of the on-board difference amplifier. In addition,
the OUTP output of the difference amplifier drives a variable gain
element (either VVA or VGA) and is connected back to the FBKA
input via a capacitor so that it is operating as an integrator.
Assume that OUTA is much bigger than OUTB. Because OUTA
also drives VLVL, this voltage is also present on the noninverting
input of the op amp driving OUTP. This results in a current flow
from OUTP through the integrating capacitor into the FBKA input.
This results in the voltage on OUTP increasing. If the gain control
transfer function of the VGA/VVA is positive, this increases the
gain, which in turn increases the input signal to INHA. The
output voltage on the integrator continues to increase until the
power on the two input channels is equal, resulting in a signal
chain gain of unity.
If a gain other than 0 dB is required, an attenuator can be used
in one of the RF paths, as shown in Figure 67. Alternatively,
power splitters or directional couplers of different coupling
factors can be used. Another convenient option is to apply a
voltage on VLVL other than OUTA. Refer to Equation 18 and
the Controller Mode section for more detail.
If the VGA/VVA has a negative gain control sense, the OUTN
output of the difference amplifier can be used with the integrating
capacitor tied back to FBKB. Alternatively, the inputs could be
swapped.
The choice of the integrating capacitor affects the response time
of the AGC loop. Small values give a faster response time but
may result in instability, whereas larger values reduce the response
time. Capacitors that are too large can also cause oscillations due
to the capacitive drive capability of the op amp. In automatic gain
control, the capacitors on CLPA and CLPB, which perform the
filtering of the demodulated log output, must still be used and
also affect loop response time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com