Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5519ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
ADL5519
Data Sheet
Rev. B | Page 18 of 39
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
TIME (ns)
INHA, INHB = –10dBm
INHA, INHB = –20dBm
INHA, INHB = –30dBm
INHA, INHB = –40dBm
Figure 45. Output Response to RF Burst Input for Various RF Input Levels,
Carrier Frequency = 900 MHz, CLPA = Open
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TIME (µs)
INHA, INHB = –10dBm
INHA, INHB = –20dBm
IINHA, INHB = –30dBm
INHA, INHB = –40dBm
Figure 46. Output Response to RF Burst Input for Various RF Input Levels,
Carrier Frequency = 900 MHz, CLPA = 0.1 µF
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
22.5
–2.5
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
TIME (µs)
INHA, INHB = 0dBm
INHA, INHB = –10dBm
INHA, INHB = –20dBm
INHA, INHB = –30dBm
INHA, INHB = –40dBm
RF OFF
PWDN PULSE
Figure 47. Output Response Using Power-Down Mode for Various
RF Input Levels, Carrier Frequency = 900 MHz, CLPA = Open
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
22.5
–2.5
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
TIME (µs)
INHA, INHB = 0dBm
INHA, INHB = –10dBm
INHA, INHB = –20dBm
INHA, INHB = –30dBm
INHA, INHB = –40dBm
PWDN PULSE
Figure 48. Output Response Using Power-Down Mode for Various
RF Input Levels, Carrier Frequency = 900 MHz, CLPA = 0.1 µF
0.06
0.05
0.04
0.03
0.02
0.01
0
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
PWDN, ADJA, ADJB VOLTAGE (V)
DECREASING
INCREASING
Figure 49. Supply Current vs. VPWDN, VADJA, VADJB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com