Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5519ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
ADL5519
Data Sheet
Rev. B | Page 20 of 39
USING THE ADL5519
BASIC CONNECTIONS
The ADL5519 is specified for operation up to 10 GHz. As a result,
low impedance supply pins with adequate isolation between
functions are essential. A power supply voltage between 3.3 V
and 5.5 V should be applied to VPSA, VPSB, and VPSR. Power
supply decoupling capacitors of 100 pF and 0.1 µF should be
connected close to these power supply pins (see Figure 53).
The paddle of the LFCSP package is internally connected to
COMR. For optimum thermal and electrical performance, the
paddle should be soldered to a low impedance ground plane.
INPUT SIGNAL COUPLING
The ADL5519 inputs are differential but were characterized
and are generally used single ended. When using the ADL5519
in single-ended mode, the INHA, INHB pins must be ac-coupled,
and INLA, INLB must be ac-coupled to ground. Suggested
coupling capacitors are 47 nF, ceramic 0402-style capacitors for
input frequencies of 1 MHz to 10 GHz. The coupling capacitors
should be mounted close to the INHA, INHB and INLA, INLB
pins. The coupling capacitor values can be increased to lower
the input stage high-pass cutoff frequency.
The high-pass corner is set by the input coupling capacitors and the
internal 10 pF high-pass capacitor. The dc voltage on INHA, INHB
and INLA, INLB is approximately one diode voltage drop below
the supply voltage.
VPSA
5pF
5pF
18.7kΩ
18.7kΩ
2kΩ
FIRST
GAIN
STAGE
OFFSET
COMP
INHA
INLA
A = 9dB
CURRENT
Gm
STAGE
Figure 52. Single-Channel Input Interface
Although the input can be reactively matched, in general this
reactive matching is not necessary. An external 52.3 Ω shunt
resistor (connected on the signal side of the input coupling capaci-
tors, as shown in Figure 53) combines with the relatively high
input impedance to give an adequate broadband match of 50 Ω.
The coupling time constant, 50 × CC/2, forms a high-pass corner
with a 3 dB attenuation at fHP = 1/(2π × 50 × CC ), where C1 =
C2 = C3 = C4 = CC. Using the typical value of 47 nF, this high-
pass corner is ~68 kHz. In high frequency applications, fHP should
be as large as possible to minimize the coupling of unwanted low
frequency signals. In low frequency applications, a simple RC
network forming a low-pass filter should be added at the input
for similar reasons. This low-pass filter should generally be placed
at the generator side of the coupling capacitors, thereby lowering
the required capacitance value for a given high-pass corner
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com