Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5519ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Data Sheet
ADL5519
Rev. B | Page 7 of 39
Parameter
Conditions
Min
Typ
Max
Unit
MEASUREMENT MODE,
8 GHz OPERATION
ADJA = 0.72 V, ADJB = 0.82 V to GND; OUTA, OUTB shorted
toVSTA,VSTB; OUTP, OUTN shorted to FBKA, FBKB, respectively;
sinusoidal input signal; error referred to best fit line using
linear regression between PINHA, PINHB = −40 dBm and −20 dBm
Input Impedance
+10||−1.92
Ω||pF
OUTA, OUTB ± 1 dB Dynamic Range
48
dB
−40°C < TA < +85°C
38
dB
OUTA, OUTB Maximum Input Level
±1 dB error
0
dBm
OUTA, OUTB Minimum Input Level
±1 dB error
−48
dBm
OUTA, OUTB, OUTP, OUTN Slope1
−22
mV/dB
OUTA, OUTB Intercept1
26
dBm
Output Voltage (High Power In)
OUTA, OUTB @ PINHA, PINHB = −10 dBm
0.81
V
Output Voltage (Low Power In)
OUTA, OUTB @ PINHA, PINHB = −40 dBm
1.48
V
OUTP, OUTN Dynamic Gain Range
±1 dB error
50
dB
−40°C < TA < +85°C
42
dB
Temperature Sensitivity
Deviation from OUTA, OUTB @ 25°C
−40°C < TA < +85°C, PINHA, PINHB = −16 dBm
±0.4
dB
25°C < TA < 85°C, PINHA, PINHB = −40 dBm
−0.1
dB
−40°C < TA < +25°C, PINHA, PINHB = −40 dBm
+0.5
dB
Distribution of OUTP, OUTN from 25°C
25°C < TA < 85°C, PINHA = −16 dBm, PINHB = −30 dBm,
typical error = 0.2dB
±0.3
dB
−40°C < TA < +25°C, PINHA = −16 dBm, PINHB = −30 dBm,
typical error = 0.09dB
±0.5
dB
25°C < TA < 85°C, PINHA = −40 dBm, PINHB = −30 dBm,
typical error = −0.07dB
±0.3
dB
−40°C < TA < +25°C, PINHA = −40 dBm, PINHB = −30 dBm,
typical error = 0.17 dB
±0.5
dB
Input A-to-Input B Isolation
45
dB
Input A-to-OUTB Isolation
Frequency separation = 1 kHz, PINHA = −50 dBm,
PINHA – PINHB when OUTB/Slope = 1 dB
30
dB
Input B-to-OUTA Isolation
Frequency separation = 1 kHz, PINHB = −50 dBm,
PINHB – PINHA when OUTA/Slope = 1 dB
30
dB
OUTPUT INTERFACE
OUTA, OUTB; OUTP, OUTN
OUTA, OUTB Voltage Range
VSTA, VSTB = 1.7 V, RF in = open
0.3
V
VSTA, VSTB = 0 V, RF in = open
VP − 0.4
V
OUTP, OUTN Voltage Range
FBKA, FBKB = open and OUTA < OUTB, RL ≥ 240 Ω to ground
0.09
V
FBKA, FBKB = open and OUTA > OUTB, RL ≥ 240 Ω to ground
VP − 0.15
V
Source/Sink Current
Output held at 1 V to 1% change
10
mA
Capacitance Drive
1
nF
Output Noise
INHA, INHB = 2.2 GHz, −10 dBm, fNOISE = 100 kHz,
CLPA, CLPB = open
10
nV/√Hz
Fall Time
Input level = no signal to −10 dBm, 80% to 20%,
CLPA, CLPB = 10 pF
12
ns
Input level = no signal to −10 dBm, 80% to 20%,
CLPA, CLPB = open
6
ns
Rise Time
Input level = −10 dBm to no signal, 20% to 80%,
CLPA, CLPB = 10 pF
16
ns
Input level = −10 dBm to no signal, 20% to 80%,
CLPA, CLPB = open
8
ns
Video Bandwidth
(or Envelope Bandwidth)
10
MHz
SETPOINT INTERFACE
VSTA, VSTB
Nominal Input Range
Input level = 0 dBm, measurement mode
0.38
V
Input level = –50 dBm, measurement mode
1.6
V
Input Resistance
Controller mode, sourcing 50 µA
40
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com