Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADL5519ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1 MHz to 10 GHz, 62 dB Dual Log
Detector/Controller
Data Sheet
ADL5519
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wide bandwidth: 1 MHz to 10 GHz
Dual-channel and channel difference output ports
Integrated accurate scaled temperature sensor
62 dB dynamic range (±3 dB)
>50 dB with ±1 dB up to 8 GHz
Stability over temperature: ±0.5 dB (−40oC to +85oC)
Low noise detector/controller outputs
Pulse response time: 6 ns/8 ns (fall time/rise time)
Supply operation: 3.3 V to 5.5 V @ 60 mA
Fabricated using high speed SiGe process
Small footprint, 5 mm × 5 mm, 32-lead LFCSP
Operating temperature range: −40oC to +125oC
APPLICATIONS
RF transmitter power amplifier linearization and
gain/power control
Power monitoring in radio link transmitters
Dual-channel wireless infrastructure radios
Antenna VSWR monitor
RSSI measurement in base stations, WLAN, WiMAX, radar
FUNCTIONAL BLOCK DIAGRAM
CHANNEL A
LOG DETECTOR
CHANNEL B
LOG DETECTOR
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
25
26
27
28
29
30
31
32
INHA
INHB
INLB
COMR
COMR
PWDN
COMR
INLA
16
15
14
13
12
11
10
9
NC
NC
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
BIAS
TEMP
OUTA
OUTB
ADL5519
Figure 1.
GENERAL DESCRIPTION
The ADL5519 is a dual-demodulating logarithmic amplifier that
incorporates two AD8317s. It can accurately convert an RF input
signal into a corresponding decibel-scaled output. The ADL5519
provides accurately scaled, independent, logarithmic output volt-
ages for both RF measurement channels. The device has two
additional output ports, OUTP and OUTN, that provide the
measured differences between the OUTA and OUTB channels.
The on-chip channel matching makes the log amp outputs
insensitive to temperature and process variations.
The temperature sensor pin provides a scaled voltage that is
proportional to the temperature over the operating temperature
range of the device.
The ADL5519 maintains accurate log conformance for signals
from 1 MHz to 8 GHz and provides useful operation to 10 GHz.
The ±3 dB dynamic range is typically 62 dB and has a ±1 dB
dynamic range of >50 dB (re: 50 Ω). The ADL5519 has a response
time of 6 ns/8 ns (fall time/rise time) that enables RF burst detec-
tion to a pulse rate of greater than 50 MHz. The device provides
unprecedented logarithmic intercept stability vs. ambient
temperature conditions. A supply of 3.3 V to 5.5 V is required
to power the device. Current consumption is typically 60 mA,
and it decreases to less than 1 mA when the device is disabled.
The device is capable of supplying four log amp measurements
simultaneously. Linear-in-dB measurements are provided at OUTA
and OUTB with conveniently scaled slopes of −22 mV/dB. The log
amp difference between OUTA and OUTB is available as differ-
ential or single-ended signals at OUTP and OUTN. An optional
voltage applied to VLVL provides a common-mode reference level
to offset OUTP and OUTN above ground. The broadband output
pins can support many system solutions.
Any of the ADL5519 output pins can be configured to provide
a control voltage to a variable gain amplifier (VGA). Special
attention has been paid to minimize the broadband noise of the
output pins so that they can be used for controller applications.
The ADL5519 is fabricated on a SiGe bipolar IC process and is
available in a 5 mm × 5 mm, 32-lead LFCSP with an operating
temperature range of −40°C to +125°C.


Similar Part No. - ADL5519ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5519ACPZ-R2 AD-ADL5519ACPZ-R2 Datasheet
654Kb / 27P
1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
ADL5519ACPZ-R2 AD-ADL5519ACPZ-R2 Datasheet
3Mb / 40P
1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
REV. 0
ADL5519ACPZ-R2 AD-ADL5519ACPZ-R2 Datasheet
2Mb / 39P
1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
Rev. C
More results

Similar Description - ADL5519ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5519 AD-ADL5519 Datasheet
654Kb / 27P
1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
AD8317 AD-AD8317 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 50 dB Log Detector/Controller
10/05-Revision 0
AD8319 AD-AD8319 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
10/05-Revision 0
AD8319 AD-AD8319_07 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
3/07-Rev. 0 to Rev. A
ADL5519 AD-ADL5519_08 Datasheet
3Mb / 40P
1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
REV. 0
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8317 AD-AD8317_08 Datasheet
780Kb / 20P
1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com