Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5519ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
ADL5519
Data Sheet
Rev. B | Page 16 of 39
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 33. OUTA, OUTB Voltage and Log Conformance vs. Input Amplitude at
8 GHz, Typical Device, ADJA, ADJB = 0.72 V, 0.82 V, Sine Wave,
Single-Ended Drive
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 34. Distribution of OUTA, OUTB Error over Temperature After Ambient
Normalization vs. Input Amplitude for 45 Devices from a Nominal Lot,
Frequency = 8 GHz, ADJA, ADJB = 0.72 V, 0.82 V, Sine Wave,
Single-Ended Drive
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 35. Distribution of [OUTA − OUTB] Voltage Difference over
Temperature for 45 Devices from a Nominal Lot, Frequency = 8 GHz,
ADJA, ADJB = 0.72 V, 0.82 V, Sine Wave, Single-Ended Drive
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
OUTN
N
P
OUTP
Figure 36. OUTP, OUTN Gain Error and Voltage vs. Input Amplitude at 8 GHz,
Typical Device, ADJA, ADJB = 0.72 V, 0.82 V, Sine Wave, Single-Ended Drive,
PINHB = −30 dBm, Channel A Swept
1.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
2.0
1.0
0
–1.0
–2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 37. Distribution of [OUTP − OUTN] Gain Error and Voltage vs. Input
Amplitude over Temperature, After Ambient Normalization for 45 Devices
from a Nominal Lot, Frequency = 8 GHz, ADJA, ADJB = 0.72 V, 0.82 V,
Sine Wave, Single-Ended Drive, PINHB = −30 dBm, Channel A Swept
0
j2
j1
–j1
–j2
3600MHz
3600MHz
j0.5
–j0.5
j0.2
–j0.2
2
1
0.5
0.2
100MHz
900MHz
1900MHz
2200MHz
Figure 38. Single-Ended Input Impedance (S11) vs. Frequency; ZO = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com