Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADL5519ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ADL5519
Data Sheet
Rev. B | Page 4 of 39
Parameter
Conditions
Min
Typ
Max
Unit
OUTP, OUTN Dynamic Gain Range
±1 dB error
55
dB
−40°C < TA < +85°C
48
dB
Temperature Sensitivity
Deviation from OUTA, OUTB @ 25°C
−40°C < TA < +85°C, PINHA, PINHB = −16 dBm
±0.25
dB
25°C < TA < 85°C, PINHA, PINHB = −40 dBm
+0.25
dB
−40°C < TA < +25°C, PINHA, PINHB = −40 dBm
−0.5
dB
Distribution OUTP, OUTN from 25°C
25°C < TA < 85°C, PINHA = −16 dBm, PINHB = −30 dBm,
typical error = −0.08 dB
±0.25
dB
−40°C < TA < +25°C, PINHA = −16 dBm, PINHB = −30 dBm
typical error = 0.3 dB
±0.4
dB
25°C < TA < 85°C, PINHA = −40 dBm, PINHB = −30 dBm,
typical error = 0.17 dB
±0.25
dB
−40°C < TA < +25°C, PINHA = −40 dBm, PINHB = −30 dBm,
typical error = −0.19 dB
±0.4
dB
Input A-to-Input B Isolation
75
dB
Input A-to-OUTB Isolation
Frequency separation = 1 kHz, PINHA = −50 dBm,
PINHA – PINHB when OUTB/Slope = 1 dB
50
dB
Input B-to-OUTA Isolation
Frequency separation = 1 kHz, PINHB = −50 dBm,
PINHB – PINHA when OUTA/Slope = 1 dB
50
dB
MEASUREMENT MODE,
1.9 GHz OPERATION
ADJA = 0.5 V, ADJB = 0.55 V; OUTA, OUTB shorted to
VSTA, VSTB; OUTP, OUTN shorted to FBKA, FBKB, respectively;
sinusoidal input signal; error referred to best fit line using
linear regression between PINHA, PINHB = −40 dBm and −10 dBm
Input Impedance
525||0.36
Ω||pF
OUTA, OUTB ± 1 dB Dynamic Range
55
dB
−40°C < TA < +85°C
49
dB
OUTA, OUTB Maximum Input Level
±1 dB error
−4
dBm
OUTA, OUTB Minimum Input Level
±1 dB error
−59
dBm
OUTA, OUTB, OUTP, OUTN Slope1
−22
mV/dB
OUTA, OUTB Intercept1
18
dBm
Output Voltage (High Power In)
OUTA, OUTB @ PINHA, PINHB = −10 dBm
0.62
V
Output Voltage (Low Power In)
OUTA, OUTB @ PINHA, PINHB = −40 dBm
1.28
V
OUTP, OUTN Dynamic Gain Range
±1 dB error
55
dB
−40°C < TA < +85°C
48
dB
Temperature Sensitivity
Deviation from OUTA, OUTB @ 25°C
−40°C < TA < +85°C, PINHA, PINHB = −16 dBm
±0.2
dB
25°C < TA < 85°C, PINHA, PINHB = −40 dBm
+0.25
dB
−40°C < TA < +25°C, PINHA, PINHB = −40 dBm
−0.5
dB
Distribution of OUTP, OUTN from 25°C
25°C < TA < 85°C, PINHA = −16 dBm, PINHB = −30 dBm,
typical error = −0.07 dB
±0.3
dB
−40°C < TA < +25°C, PINHA = −16 dBm, PINHB = −30 dBm,
typical error = 0.23 dB
±0.4
dB
25°C < TA < 85°C, PINHA = −40 dBm, PINHB = −30 dBm,
typical error = 0.16 dB
±0.3
dB
−40°C < TA < +25°C, PINHA = −40 dBm, PINHB = −30 dBm,
typical error = −0.22 dB
±0.4
dB
Input A-to-Input B Isolation
65
dB
Input A-to-OUTB Isolation
Frequency separation = 1 kHz, PINHA = −50 dBm,
PINHA – PINHB when OUTB/Slope = 1 dB
46
dB
Input B-to-OUTA Isolation
Frequency separation = 1 kHz, PINHB = −50 dBm,
PINHB – PINHA when OUTA/Slope = 1 dB
46
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com