Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  KMB-001LEVALZ Datasheet HTML 1Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 2Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 3Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 4Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 5Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 6Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 7Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 8Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ISLA224P12
FN7983 Rev 3.00
Page 5 of 32
August 17, 2012
6, 7
VINBP, VINBN
Channel B Analog Input Positive, Negative
12, 13
VINAN, VINAP
Channel A Analog Input Negative, Positive
15
CLKDIV
Tri-Level Clock Divider Control
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN
Synchronous Clock Divider Reset True, Complement
29
D13
CMOS Bit 13 (MSB) Output
31
D12
CMOS Bit 12 Output
34
D11
CMOS Bit 11 Output
36
D10
CMOS Bit 10 Output
38
D9
CMOS Bit 9 Output
40
D8
CMOS Bit 8 Output
42
D7
CMOS Bit 7 Output
44
D6
CMOS Bit 6 Output
46
RLVDS
LVDS Bias Resistor (connect to OVSS with 1%10k
)
48
CLKOUT
CMOS Clock Output
50
D5
CMOS Bit 5 Output
52
D4
CMOS Bit 4 Output
54
D3
CMOS Bit 3 Output
56
D2
CMOS Bit 2 Output
58
D1
CMOS Bit 1 Output
60
D0
CMOS Bit 0 (LSB) Output
64
OR
CMOS Over Range
66
SDO
SPI Serial Data Output
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground
Pin Descriptions - 72 Ld QFN, CMOS Mode (Continued)
PIN NUMBER
CMOS PIN NAME
CMOS PIN FUNCTION
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISLA224P12IRZ
ISLA224P12 IRZ
-40°C to +85°C
72 Ld QFN
L72.10x10E
ISLA224IR72EV1Z
Evaluation Board - Supports 125/130/200/250 Speed Grades
KMB-001LEVALZ
LVDS Motherboard (Interfaces with ISLA224IR72EV1Z operating in LVDS Output Mode)
KMB-001CEVALZ
CMOS Motherboard (Interfaces with ISLA224IR72EV1Z operating in CMOS Output Mode)
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate-e4
termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. For Moisture Sensitivity Level (MSL), please see device information page for ISLA224P12. For more information on MSL please see techbrief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com