Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 10Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 11Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 12Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 13Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 14Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 15Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 16Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 17Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ISLA224P12
FN7983 Rev 3.00
Page 14 of 32
August 17, 2012
FIGURE 15. NOISE HISTOGRAM
FIGURE 16. SINGLE-TONE SPECTRUM @ 105MHz
FIGURE 17. SINGLE-TONE SPECTRUM @ 190MHz
FIGURE 18. SINGLE-TONE SPECTRUM @ 363MHz
FIGURE 19. TWO-TONE SPECTRUM
(F1 = 70MHz, F2 = 71MHz AT -7dBFS)
FIGURE 20. TWO-TONE SPECTRUM
(F1 = 170MHz, F2 = 171MHz AT -7dBFS)
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C, AIN = -1dBFS,
fIN = 105MHz, fSAMPLE = 125MSPS. (Continued)
0 102
2046
19239
65410
76722
6
1
0
10000
20000
30000
40000
50000
60000
70000
80000
90000
8165 8166 8167 8168 8169 8170 8171 8172 8173 8174 8175 8176
CODE
STDEV = 0.97 LSB
0
4046
207
32221
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
AIN = -1.0 dBFS
SNR = 74.7 dBFS
SFDR = 79.0 dBc
SINAD = 73.4 dBFS
0
10
20
30
40
50
60
FREQUENCY (MHz)
AIN = -1.0 dBFS
SNR = 73.2 dBFS
SFDR = 78.2 dBc
SINAD = 71.6 dBFS
-120
-100
-80
-60
-40
-20
0
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
AIN = -1.1 dBFS
SNR = 70.2 dBFS
SFDR = 77.1 dBc
SINAD = 69.4 dBFS
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
IMD2
IMD3
2nd HARMONICS
3rd HARMONICS
IMD3 =-84dBFS
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
FREQUENCY (MHz)
IMD2
IMD3
2nd HARMONICS
3rd HARMONICS
IMD3 =-107dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com