Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 20Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 21Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 22Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 23Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 24Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 25Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 26Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 27Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ISLA224P12
FN7983 Rev 3.00
Page 24 of 32
August 17, 2012
ADDRESS 0X25: MODES
Two distinct reduced power modes can be selected. By default,
the tri-level NAPSLP pin can select normal operation, nap or
sleep modes (refer to“Nap/Sleep” on page 19). This functionality
can be overridden and controlled through the SPI. This is an
indexed function when controlled from the SPI, but a global
function when driven from the pin. This register is not changed by
a Soft Reset.
ADDRESS 0X26: OFFSET_COARSE_ADC1
ADDRESS 0X27: OFFSET_FINE_ADC1
The input offset of A/D core #1 can be adjusted in fine and
coarse steps in the same way that offset for core #0 can be
adjusted. Both adjustments are made via an 8-bit word as
detailed in Table 5. The data format is two’s complement.
The default value of each register will be the result of the
self-calibration after initial power-up. If a register is to be
incremented or decremented, the user should first read the
register value then write the incremented or decremented value
back to the same register. Bit 0 in register 0xFE must be set high
to enable updates written to 0x26 and 0x27 to be used by the
ADC (see description for 0xFE).
ADDRESS 0X28: GAIN_COARSE_ADC1
ADDRESS 0X29: GAIN_MEDIUM_ADC1
ADDRESS 0X2A: GAIN_FINE_ADC1
Gain of A/D core #1 can be adjusted in coarse, medium and fine
steps in the same way that core #0 can be adjusted. Coarse gain is
a 4-bit adjustment while medium and fine are 8-bit. Multiple
Coarse Gain Bits can be set for a total adjustment range of ±4.2%.
Bit 0 in register 0xFE must be set high to enable updates written
to 0x29 and 0x2A to be used by the ADC (see description for
0xFE).
Global Device Configuration/Control
ADDRESS 0X71: PHASE_SLIP
The output data clock is generated by dividing down the A/D
input sample clock. Some systems with multiple A/Ds can more
easily latch the data from each A/D by controlling the phase of
the output data clock. This control is accomplished through the
use of the phase_slip SPI feature, which allows the rising edge of
the output data clock to be advanced by one input clock period,
as shown in the Figure 44. The clock divider (CLKDIV>=2) is
required to use PHASE_SLIP. Execution of a phase_slip
command is accomplished by first writing a '0' to bit 0 at address
0x71, followed by writing a '1' to bit 0 at address 0x71.
ADDRESS 0X72: CLOCK_DIVIDE
The ISLA224P12 has a selectable clock divider that can be set to
divide by four, two or one (no division). By default, the tri-level
CLKDIV pin selects the divisor This functionality can be
overridden and controlled through the SPI, as shown in Table 9.
This register is not changed by a Soft Reset.
ADDRESS 0X73: OUTPUT_MODE_A
The output_mode_A register controls the physical output format
of the data, as well as the logical coding. The ISLA224P12 can
present output data in two physical formats: LVDS(default) or
LVCMOS. Additionally, the drive strength in LVDS mode can be set
high (default, 3mA or low (2mA).
Data can be coded in three possible formats: two’s complement
(default), Gray code or offset binary. See Table 11.
TABLE 7. MEDIUM AND FINE GAIN ADJUSTMENTS
PARAMETER
0x23[7:0]
MEDIUM GAIN
0x24[7:0]
FINE GAIN
Steps
256
256
–Full Scale (0x00)
-2%
-0.20%
Mid–Scale (0x80)
0.00%
0.00%
+Full Scale (0xFF)
+2%
+0.2%
Nominal Step Size
0.016%
0.0016%
TABLE 8. POWER-DOWN CONTROL
VALUE
0x25[2:0]
POWER DOWN MODE
000
Pin Control
001
Normal Operation
010
Nap Mode
100
Sleep Mode
TABLE 9. CLOCK DIVIDER SELECTION
VALUE
0x72[2:0]
CLOCK DIVIDER
000
Pin Control
001
Divide by 1
010
Divide by 2
100
Divide by 4
other
Not Allowed
FIGURE 44. PHASE SLIP
ADC Input
Clock (250MHz)
Output Data
Clock (125MHz)
No clock_slip
Output Data
Clock (125MHz)
1 clock_slip
Output Data
Clock (125MHz)
2 clock_slip
4ns
8ns
4ns
CLKDIV=2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com