Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 8Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 9Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 10Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 11Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 12Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 13Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 14Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 15Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ISLA224P12
FN7983 Rev 3.00
Page 12 of 32
August 17, 2012
Overvoltage Recovery
tOVR
1cycles
SPI INTERFACE (Notes 11, 12)
SCLK Period
t
CLK
Write Operation
16
cycles
tCLK
Read Operation
16
cycles
CSB
 to SCLKSetup Time
tS
Read or Write
28
cycles
CSB
 after SCLK Hold Time
tH
Write
5
cycles
CSB
 after SCLK↓ Hold Time
tHR
Read
16
cycles
Data Valid to SCLK
 Setup Time
tDS
Write
6
cycles
Data Valid after SCLK
 Hold Time
tDH
Read or Write
4
cycles
Data Valid after SCLK
↓ Time
tDVR
Read
5
cycles
NOTES:
11. SPI Interface timing is directly proportional to the ADC sample period (tS). Values above reflect multiples of a 16ns sample period, and must be scaled
proportionally for lower sample rates. ADC sample clock must be running for SPI communication.
12. The SPI may operate asynchronously with respect to the ADC sample clock.
13. The relative propagation delay is the difference in propagation time between any two devices that are matched in temperature and voltage, and is
specified over the full operating temperature and voltage range.
Switching Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITION
MIN
(Note 5)
TYP
MAX
(Note 5)
UNITS
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C, AIN = -1dBFS,
fIN = 105MHz, fSAMPLE = 125MSPS.
FIGURE 5. SNR AND SFDR vs fIN
FIGURE 6. HD2 AND HD3 vs fIN
FIGURE 7. SNR AND SFDR vs AIN
FIGURE 8. HD2 AND HD3 vs AIN
60
65
70
75
80
85
90
0
100
200
300
400
500
600
INPUT FREQUENCY (MHz)
SNR
SFDR
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
0
100
200
300
400
500
600
INPUT FREQUENCY (MHz)
HD3
HD2
10
20
30
40
50
60
70
80
90
100
110
-60
-50
-40
-30
-20
-10
0
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SNR (dBc)
SNR (dBfs)
SFDR (dBfs)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-60
-50
-40
-30
-20
-10
0
HD2 (dBfs)
HD3 (dBc)
HD3 (dBfs)
INPUT AMPLITUDE (dBFS)
HD2 (dBc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com