Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 4Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 5Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 6Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 7Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 8Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 9Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 10Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 11Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ISLA224P12
FN7983 Rev 3.00
Page 8 of 32
August 17, 2012
Nap/Sleep Mode Wakeup Time
Sample Clock Running
630
µs
AC SPECIFICATIONS
Differential Nonlinearity
DNL
fIN = 105MHz
±0.4
LSB
Integral Nonlinearity
INL
fIN = 105MHz
±3.0
LSB
Minimum Conversion Rate (Note 7)
fS MIN
40
MSPS
Maximum Conversion Rate
fS MAX
125
MSPS
Signal-to-Noise Ratio
(Note 8)
SNR
fIN = 30MHz
74.7
dBFS
fIN = 105MHz
72.7
74.3
dBFS
fIN = 190MHz
72.9
dBFS
fIN = 363MHz
70.2
dBFS
fIN = 461MHz
68.8
dBFS
fIN = 605MHz
68.0
dBFS
Signal-to-Noise and Distortion
(Note 8)
SINAD
fIN = 30MHz
74.2
dBFS
fIN = 105MHz
70.0
72.8
dBFS
fIN = 190MHz
71.4
dBFS
fIN = 363MHz
69.5
dBFS
fIN = 461MHz
65.7
dBFS
fIN = 605MHz
60.3
dBFS
Effective Number of Bits
(Note 8)
ENOB
fIN = 30MHz
12.03
Bits
fIN = 105MHz
11.34
11.80
Bits
fIN = 190MHz
11.57
Bits
fIN = 363MHz
11.25
Bits
fIN = 461MHz
10.62
Bits
fIN = 605MHz
9.72
Bits
Spurious-Free Dynamic Range
(Note 8)
SFDR
fIN = 30MHz
86
dBc
fIN = 105MHz
71
79
dBc
fIN = 190MHz
76
dBc
fIN = 363MHz
79
dBc
fIN = 461MHz
70
dBc
fIN = 605MHz
62
dBc
Spurious-Free Dynamic Range
Excluding H2, H3
(Note 8)
SFDRX23
fIN = 30MHz
99
dBc
fIN = 105MHz
96
dBc
fIN = 190MHz
92
dBc
fIN = 363MHz
89
dBc
fIN = 461MHz
87
dBc
fIN = 605MHz
83
dBc
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = 125MSPS. Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA224P12
UNITS
MIN
(Note 5)
TYP
MAX
(Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com