Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 5Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 6Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 7Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 8Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 9Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 10Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 11Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 12Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ISLA224P12
FN7983 Rev 3.00
Page 9 of 32
August 17, 2012
Intermodulation Distortion
IMD
fIN = 70MHz
-84
dBFS
fIN = 170MHz
-107
dBFS
Channel-to-Channel Isolation
fIN = 10MHz
100
dBFS
fIN = 121MHz
97
dBFS
Word Error Rate
WER
10-12
Full Power Bandwidth
FPBW
700
MHz
NOTES:
5. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
6. Digital Supply Current is dependent upon the capacitive loading of the digital outputs. IOVDD specifications apply for 10pF load on each digital output.
7. The DLL Range setting must be changed for low-speed operation.
8. Minimum specification guaranteed when calibrated at +85°C.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = 125MSPS. Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA224P12
UNITS
MIN
(Note 5)
TYP
MAX
(Note 5)
Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5) UNITS
INPUTS
Input Current High (RESETN)
IIH
VIN = 1.8V
0
1
10
µA
Input Current Low (RESETN)
IIL
VIN = 0V
-25
-12
-7
µA
Input Current High (SDIO)
IIH
VIN = 1.8V
4
12
µA
Input Current Low (SDIO)
IIL
VIN = 0V
-600
-415
-300
µA
Input Voltage High (SDIO, RESETN)
VIH
1.17
V
Input Voltage Low (SDIO, RESETN)
VIL
0.63
V
Input Current High (CLKDIV) (Note 9)
IIH
16
25
34
µA
Input Current Low (CLKDIV)
IIL
-34
-25
-16
µA
Input Capacitance
CDI
3pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com