Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 9Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 10Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 11Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 12Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 13Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 14Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 15Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 16Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ISLA224P12
FN7983 Rev 3.00
Page 13 of 32
August 17, 2012
FIGURE 9. SNR AND SFDR vs fSAMPLE
FIGURE 10. HD2 AND HD3 vs fSAMPLE
FIGURE 11. POWER vs fSAMPLE IN 3mA LVDS AND CMOS MODES
FIGURE 12. DIFFERENTIAL NONLINEARITY
FIGURE 13. INTEGRAL NONLINEARITY
FIGURE 14. SNR AND SFDR vs VCM
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C, AIN = -1dBFS,
fIN = 105MHz, fSAMPLE = 125MSPS. (Continued)
70
75
80
85
90
40
60
80
100
120
SAMPLE RATE (MSPS)
SFDR
SNR
-105
-100
-95
-90
-85
-80
-75
40
50
60
70
80
90
100
110 120
SAMPLE RATE (MSPS)
H2
H3
425
475
525
575
625
675
40
60
80
100
120
LVDS
CMOS
SAMPLE RATE (MSPS)
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
0
2000 4000 6000 8000 10000 12000 14000 16000
CODES
-4
-3
-2
-1
0
1
2
3
4
0
2000 4000 6000 8000 10000 12000 14000 16000
CODES
60
62
64
66
68
70
72
74
76
78
80
0.75
0.85
0.95
1.05
1.15
INPUT COMMON MODE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com