Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP82C55AZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CMP82C55AZ
Description  CMOS Programmable Peripheral Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CMP82C55AZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  CMP82C55AZ Datasheet HTML 1Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 2Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 3Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 4Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 5Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 6Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 7Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 8Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MS82C55A, MQ82C55A, MP82C55A
FN6140 Rev 2.00
Page 3 of 26
June 15, 2006
Functional Diagram
Pin Description
SYMBOL
TYPE
DESCRIPTION
VCC
VCC: The +5V power supply pin. A 0.1F capacitor between VCC and GND is recommended for decoupling.
GND
GROUND
D0-D7
I/O
DATA BUS: The Data Bus lines are bidirectional three-state pins connected to the system data bus.
RESET
I
RESET: A high on this input clears the control register and all ports (A, B, C) are set to the input mode.
CS
I
CHIP SELECT: Chip select is an active low input used to enable the 82C55A onto the Data Bus for CPU
communications.
RD
I
READ: Read is an active low input control signal used by the CPU to read status information or data via the data bus.
WR
I
WRITE: Write is an active low input control signal used by the CPU to load control words and data into the 82C55A.
A0-A1
I
ADDRESS: These input signals, in conjunction with the RD and WR inputs, control the selection of one of the three
ports or the control word register. A0 and A1 are normally connected to the least significant bits of the Address Bus
A0, A1.
PA0-PA7
I/O
PORT A: 8-bit input and output port.
PB0-PB7
I/O
PORT B: 8-bit input and output port.
PC0-PC7
I/O
PORT C: 8-bit input and output port.
GROUP A
PORT A
(8)
GROUP A
PORT C
UPPER
(4)
GROUP B
PORT C
LOWER
(4)
GROUP B
PORT B
(8)
GROUP B
CONTROL
GROUP A
CONTROL
DATA BUS
BUFFER
READ
WRITE
CONTROL
LOGIC
RD
WR
A1
A0
RESET
CS
D7-D0
POWER
SUPPLIES
+5V
GND
BIDIRECTIONAL
DATA BUS
I/O
PA7-PA0
I/O
PC7-PC4
I/O
PC3-PC0
I/O
PB7-PB0
8-BIT
INTERNAL
DATA BUS
FIGURE 1. FUNCTIONAL DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com