Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP82C55AZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CMP82C55AZ
Description  CMOS Programmable Peripheral Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CMP82C55AZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button CMP82C55AZ Datasheet HTML 2Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 3Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 4Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 5Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 6Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 7Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 8Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 9Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MS82C55A, MQ82C55A, MP82C55A
FN6140 Rev 2.00
Page 6 of 26
June 15, 2006
Interrupt Control Functions
When the 82C55A is programmed to operate in mode 1 or
mode 2, control signals are provided that can be used as
interrupt request inputs to the CPU. The interrupt request
signals, generated from port C, can be inhibited or enabled by
setting or resetting the associated INTE flip-flop, using the bit
set/reset function of port C.
This function allows the programmer to enable or disable a
CPU interrupt by a specific I/O device without affecting any
other device in the interrupt structure.
INTE Flip-Flop Definition
(BIT-SET)-INTE is SET - Interrupt Enable
(BIT-RESET)-INTE is Reset - Interrupt Disable
NOTE: All Mask flip-flops are automatically reset during mode
selection and device Reset.
Operating Modes
Mode 0 (Basic Input/Output). This functional configuration
provides simple input and output operations for each of the
three ports. No handshaking is required, data is simply written
to or read from a specific port.
Mode 0 Basic Functional Definitions:
• Two 8-bit ports and two 4-bit ports
• Any Port can be input or output
• Outputs are latched
• Inputs are not latched
• 16 different Input/Output configurations possible
FIGURE 5. BIT SET/RESET FORMAT
D7 D6 D5 D4 D3 D2 D1 D0
BIT SET/RESET
1 = SET
0 = RESET
BIT SELECT
0
BIT SET/RESET FLAG
CONTROL WORD
DON’T
CARE
X
X
X
0 = ACTIVE
1 2345 67
01 0101 01
00 1100 11
00 0011 11
B0
B1
B2
MODE 0 PORT DEFINITION
A
B
GROUP A
#
GROUP B
D4
D3
D1
D0 PORT A
PORTC
(Upper)
PORT B
PORTC
(Lower)
0
0
0
0
Output
Output
0
Output
Output
0
0
0
1
Output
Output
1
Output
Input
0
0
1
0
Output
Output
2
Input
Output
0
0
1
1
Output
Output
3
Input
Input
0
1
0
0
Output
Input
4
Output
Output
0
1
0
1
Output
Input
5
Output
Input
0
1
1
0
Output
Input
6
Input
Output
0
1
1
1
Output
Input
7
Input
Input
1
0
0
0
Input
Output
8
Output
Output
1
0
0
1
Input
Output
9
Output
Input
1
0
1
0
Input
Output
10
Input
Output
1
0
1
1
Input
Output
11
Input
Input
1
1
0
0
Input
Input
12
Output
Output
1
1
0
1
Input
Input
13
Output
Input
1
1
1
0
Input
Input
14
Input
Output
1
1
1
1
Input
Input
15
Input
Input
Mode 0 (Basic Input)
tRA
tHR
tRR
tIR
tAR
tRD
tDF
RD
INPUT
CS, A1, A0
D7-D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com