Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP82C55AZ Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # CMP82C55AZ
Description  CMOS Programmable Peripheral Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CMP82C55AZ Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button CMP82C55AZ Datasheet HTML 14Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 15Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 16Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 17Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 18Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 19Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 20Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 21Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
MS82C55A, MQ82C55A, MP82C55A
FN6140 Rev 2.00
Page 18 of 26
June 15, 2006
Absolute Maximum Ratings TA = 25°C
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND-0.5V to VCC+0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to 5.5V
Operating Temperature Range
CMX82C55A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
IMX82C55A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
Thermal Resistance (Typical, Note 1)
JA (°C/W)
PLCC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
55
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
62
PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . .
50
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Junction Temperature
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
2.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
VCC = 5.0V 10%; TA = Operating Temperature Range
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIH
Logical One Input Voltage
2.0
2.2
--
V
VIL
Logical Zero Input Voltage
-
-
0.8
V
VOH
Logical One Output Voltage
IOH = -2.5mA,
IOH = -100A
3.0
VCC -0.4
--
V
VOL
Logical Zero Output Voltage
IOL +2.5mA
-
-
0.4
V
II
Input Leakage Current
VIN = VCC or GND, RD, CS, A1, A0, RESET, WR
-1.0
-
+1.0
A
IO
I/O Pin Leakage Current
VO = VCC or GND, D0 - D7
-10
-
+10
A
IDAR
Darlington Drive Current
Ports A, B, C. Test Condition 3
-2.5
-
Notes 2, 4
mA
ICCSB
Standby Power Supply Current
VCC = 5.5V, VIN = VCC or GND. Output Open
-
-
10
A
ICCOP
Operating Power Supply Current TA = +25°C, VCC = 5.0V, Typical (See Note 3)
-
1
-
mA/MHz
NOTES:
3. No internal current limiting exists on Port Outputs. A resistor must be added externally to limit the current.
4. ICCOP = 1mA/MHz of Peripheral Read/Write cycle time. (Example: 1.0
s I/O Read/Write cycle time = 1mA).
5. Tested as VOH at -2.5mA.
Capacitance TA = 25°C
SYMBOL
PARAMETER
TYPICAL
UNITS
TEST CONDITIONS
CIN
Input Capacitance
10
pF
FREQ = 1MHz, All Measurements are referenced to
device GND
CI/O
I/O Capacitance
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com