Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP82C55AZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # CMP82C55AZ
Description  CMOS Programmable Peripheral Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CMP82C55AZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  CMP82C55AZ Datasheet HTML 1Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 2Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 3Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 4Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 5Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 6Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 7Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 8Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
MS82C55A, MQ82C55A, MP82C55A
FN6140 Rev 2.00
Page 5 of 26
June 15, 2006
Operational Description
Mode Selection
There are three basic modes of operation than can be selected
by the system software:
Mode 0 - Basic Input/Output
Mode 1 - Strobed Input/Output
Mode 2 - Bidirectional Bus
When the reset input goes “high”, all ports will be set to the
input mode. After the reset is removed, the 82C55A can
remain in the input mode with no additional initialization
required. The control word register will contain 9Bh. During the
execution of the system program, any of the other modes may
be selected using a single output instruction. This allows a
single 82C55A to service a variety of peripheral devices with a
simple software maintenance routine. Any port programmed as
an output port is initialized to all zeros when the control word is
written.
The modes for Port A and Port B can be separately defined,
while Port C is divided into two portions as required by the Port
A and Port B definitions. All of the output registers, including
the status flip-flops, will be reset whenever the mode is
changed. Modes may be combined so that their functional
definition can be “tailored” to almost any I/O structure. For
instance: Group B can be programmed in Mode 0 to monitor
simple switch closings or display computational results, Group
A could be programmed in Mode 1 to monitor a keyboard or
tape reader on an interrupt-driven basis.
The mode definitions and possible mode combinations may seem
confusing at first, but after a cursory review of the complete device
operation a simple, logical I/O approach will surface. The design
of the 82C55A has taken into account things such as efficient PC
board layout, control signal definition vs. PC layout and complete
functional flexibility to support almost any peripheral device with
no external logic. Such design represents the maximum use of
the available pins.
Single Bit Set/Reset Feature (Figure 5)
Any of the eight bits of Port C can be Set or Reset using a
single Output instruction. This feature reduces software
requirements in control-based applications.
When Port C is being used as status/control for Port A or B,
these bits can be set or reset by using the Bit Set/Reset
operation just as if they were output ports.
FIGURE 3. BASIC MODE DEFINITIONS AND BUS INTERFACE
DATA BUS
8I/O
B
PB7-PB0
4I/O
PC3-PC0
4I/O
C
PC7-PC4
8I/O
A
PA7-PA0
CONTROL BUS
ADDRESS BUS
RD, WR
82C55A
D7-D0
A0-A1
CS
MODE 0
8I/O
B
PB7-PB0
CONTROL
C
8I/O
A
PA7-PA0
MODE 1
OR I/O
CONTROL
OR I/O
8I/O
B
PB7-PB0
C
BI-
A
PA7-PA0
MODE 2
CONTROL
DIRECTIONAL
FIGURE 4. MODE DEFINITION FORMAT
D7 D6 D5 D4 D3 D2 D1 D0
PORT C (LOWER)
1 = INPUT
0 = OUTPUT
PORT B
1 = INPUT
0 = OUTPUT
MODE SELECTION
0 = MODE 0
1 = MODE 1
GROUP B
PORT C (UPPER)
1 = INPUT
0 = OUTPUT
PORT A
1 = INPUT
0 = OUTPUT
MODE SELECTION
00 = MODE 0
01 = MODE 1
GROUP A
1X = MODE 2
MODE SET FLAG
1 = ACTIVE
CONTROL WORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com