Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP82C55AZ Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # CMP82C55AZ
Description  CMOS Programmable Peripheral Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CMP82C55AZ Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button CMP82C55AZ Datasheet HTML 18Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 19Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 20Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 21Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 22Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 23Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 24Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 25Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 26Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
MS82C55A, MQ82C55A, MP82C55A
FN6140 Rev 2.00
Page 22 of 26
June 15, 2006
FIGURE 30. WRITE TIMING
FIGURE 31. READ TIMING
Timing Waveforms (Continued)
WR
DATA
A0-A1,
CS
BUS
tWW (9)
tDW (10)
tWD (11)
tWA (8)
tAW (7)
RD
DATA
A0-A1,
CS
BUS
tRR (3)
tRA (2)
tAR (1)
VALID
(4) tRD
tDF (5)
HIGH IMPEDANCE
AC Test Circuit
AC Testing Input, Output Waveforms
R1
V1
OUTPUT FROM
DEVICE UNDER
TEST
TEST
POINT
C1
R2
(SEE NOTE)
NOTE: Includes STRAY and JIG Capacitance
INPUT
VIH + 0.4V
VIL - 0.4V
1.5V
1.5V
VOH
VOL
OUTPUT
AC Testing: All AC Parameters tested as per test circuits. Input RISE
and FALL times are driven at 1ns/V.
TEST CONDITION DEFINITION TABLE
TEST CONDITION
V1
R1
R2
C1
1
1.7V
523
Open
150pF
2VCC
2k
1.7k
50pF
3
1.5V
750
Open
50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com