Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP82C55AZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CMP82C55AZ
Description  CMOS Programmable Peripheral Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CMP82C55AZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  CMP82C55AZ Datasheet HTML 1Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 2Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 3Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 4Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 5Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 6Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 7Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 8Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MS82C55A, MQ82C55A, MP82C55A
FN6140 Rev 2.00
Page 4 of 26
June 15, 2006
Functional Description
Data Bus Buffer
This three-state bidirectional 8-bit buffer is used to interface the
82C55A to the system data bus. Data is transmitted or
received by the buffer upon execution of input or output
instructions by the CPU. Control words and status information
are also transferred through the data bus buffer.
Read/Write and Control Logic
The function of this block is to manage all of the internal and
external transfers of both Data and Control or Status words. It
accepts inputs from the CPU Address and Control busses and
in turn, issues commands to both of the Control Groups.
(CS) Chip Select. A “low” on this input pin enables the
communication between the 82C55A and the CPU.
(RD) Read. A “low” on this input pin enables 82C55A to send
the data or status information to the CPU on the data bus. In
essence, it allows the CPU to “read from” the 82C55A.
(WR) Write. A “low” on this input pin enables the CPU to write
data or control words into the 82C55A.
(A0 and A1) Port Select 0 and Port Select 1. These input
signals, in conjunction with the RD and WR inputs, control the
selection of one of the three ports or the control word register.
They are normally connected to the least significant bits of the
address bus (A0 and A1).
(RESET) Reset. A “high” on this input initializes the control
register to 9Bh and all ports (A, B, C) are set to the input mode.
Group A and Group B Controls
The functional configuration of each port is programmed by the
systems software. In essence, the CPU “outputs” a control
word to the 82C55A. The control word contains information
such as “mode”, “bit set”, “bit reset”, etc., that initializes the
functional configuration of the 82C55A.
Each of the Control blocks (Group A and Group B) accepts
“commands” from the Read/Write Control logic, receives
“control words” from the internal data bus and issues the
proper commands to its associated ports.
Control Group A - Port A and Port C upper (C7 - C4)
Control Group B - Port B and Port C lower (C3 - C0)
The control word register can be both written and read as
shown in the “Basic Operation” table. Figure 4 shows the
control word format for both Read and Write operations. When
the control word is read, bit D7 will always be a logic “1”, as this
implies control word mode information.
Ports A, B, and C
The 82C55A contains three 8-bit ports (A, B, and C). All can be
configured to a wide variety of functional characteristics by the
system software but each has its own special features or
“personality” to further enhance the power and flexibility of the
82C55A.
Port A One 8-bit data output latch/buffer and one 8-bit data
input latch.
Port B One 8-bit data input/output latch/buffer and one 8-bit
data input buffer.
Port C One 8-bit data output latch/buffer and one 8-bit data input
buffer (no latch for input). This port can be divided into two 4-bit
ports under the mode control. Each 4-bit port contains a 4-bit
latch and it can be used for the control signal output and status
signal inputs in conjunction with ports A and B.
82C55A BASIC OPERATION
A1
A0
RD
WR
CS
INPUT OPERATION
(READ)
00010
Port A
Data Bus
01010
Port B
Data Bus
10010
Port C
Data Bus
11010
Control Word
Data Bus
OUTPUT OPERATION
(WRITE)
00100
Data Bus
Port A
01100
Data Bus
Port B
10100
Data Bus
Port C
11100
Data Bus
Control
DISABLE FUNCTION
XXXX
1
Data Bus
Three-State
X
X
110
Data Bus
Three-State
FIGURE 2. 82C55A BLOCK DIAGRAM. DATA BUS BUFFER,
READ/WRITE, GROUP A & B CONTROL LOGIC
FUNCTIONS
GROUP A
PORT A
(8)
GROUP A
PORT C
UPPER
(4)
GROUP B
PORT C
LOWER
(4)
GROUP B
PORT B
(8)
GROUP B
CONTROL
GROUP A
CONTROL
DATA
READ
WRITE
CONTROL
LOGIC
RD
WR
A1
A0
RESET
CS
D7-D0
POWER
SUPPLIES
+5V
GND
BIDIRECTIONAL
DATA BUS
I/O
PA7-
I/O
PC7-
I/O
PC3-
I/O
PB7-
BUFFER
BUS
PB0
PC0
PC4
PA0
8-BIT
INTERNAL
DATA BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com