| Electronic Components Datasheet Search |
|
CMP82C55AZ Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
CMP82C55AZ Datasheet(HTML) 9 Page - Renesas Technology Corp |
|
9 / 26 page ![]() MS82C55A, MQ82C55A, MP82C55A FN6140 Rev 2.00 Page 9 of 26 June 15, 2006 Operating Modes Mode 1 - (Strobed Input/Output). This functional configuration provides a means for transferring I/O data to or from a specified port in conjunction with strobes or “hand shaking” signals. In mode 1, port A and port B use the lines on port C to generate or accept these “hand shaking” signals. Mode 1 Basic Function Definitions: • Two Groups (Group A and Group B) • Each group contains one 8-bit port and one 4-bit control/data port • The 8-bit data port can be either input or output. Both inputs and outputs are latched. • The 4-bit port is used for control and status of the 8-bit port. Input Control Signal Definition (Figures 6 and 7) STB (Strobe Input) A “low” on this input loads data into the input latch. IBF (Input Buffer Full F/F) A “high” on this output indicates that the data has been loaded into the input latch: in essence, an acknowledgment. IBF is set by STB input being low and is reset by the rising edge of the RD input. INTR (Interrupt Request) A “high” on this output can be used to interrupt the CPU when an input device is requesting service. INTR is set by the condition: STB is a “one”, IBF is a “one” and INTE is a “one”. It is reset by the falling edge of RD. This procedure allows an input device to request service from the CPU by simply strobing its data into the port. INTE A Controlled by bit set/reset of PC4. INTE B Controlled by bit set/reset of PC2. Output Control Signal Definition (Figure 8 and 9) OBF - (Output Buffer Full F/F). The OBF output will go “low” to indicate that the CPU has written data out to the specified port. This does not mean valid data is sent out of the port at this time since OBF can go true before data is available. Data is guaranteed valid at the rising edge of OBF, (See Note 1). The OBF F/F will be set by the rising edge of the WR input and reset by ACK input being low. CONTROL WORD #13 CONTROL WORD #15 Mode 0 Configurations (Continued) 1 D7 0 D6 0 D5 1 D4 1 D3 0 D2 0 D1 1 D0 8 PA7 - PA0 4 PC7 - PC4 4 PC3 - PC0 8 PB7 - PB0 D7 - D0 82C55A A B C 1 D7 0 D6 0 D5 1 D4 1 D3 0 D2 1 D1 1 D0 8 PA7 - PA0 4 PC7 - PC4 4 PC3 - PC0 8 PB7 - PB0 D7 - D0 82C55A A B C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |