Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF1007 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FPF1007
Description  Advanced Load Products
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1007 Datasheet(HTML) 4 Page - ON Semiconductor

  FPF1007 Datasheet HTML 1Page - ON Semiconductor FPF1007 Datasheet HTML 2Page - ON Semiconductor FPF1007 Datasheet HTML 3Page - ON Semiconductor FPF1007 Datasheet HTML 4Page - ON Semiconductor FPF1007 Datasheet HTML 5Page - ON Semiconductor FPF1007 Datasheet HTML 6Page - ON Semiconductor FPF1007 Datasheet HTML 7Page - ON Semiconductor FPF1007 Datasheet HTML 8Page - ON Semiconductor FPF1007 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.onsemi.com
4
Absolute Maximum Ratings
Note:
Package power dissipation on 1-square inch pad, 2 oz. copper board.
Recommended Operating Range
Parameter
Min.
Max.
Unit
VIN, VOUT, ON to GND
-0.3
6.0
V
Maximum Continuous Switch Current
1.5
A
Power Dissipation at TA = 25°C
(1)
1.2
W
Storage Junction Temperature
-65
+150
°C
Operating Temperature Range
-40
+85
°C
Thermal Resistance, Junction to Ambient
86
°C/W
Electrostatic Discharge Protection
HBM
8000
V
CDM
2000
V
Parameter
Min.
Max.
Unit
VIN
1.2
5.5
V
Ambient Operating Temperature, TA
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com