Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF1007 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FPF1007
Description  Advanced Load Products
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1007 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FPF1007 Datasheet HTML 3Page - ON Semiconductor FPF1007 Datasheet HTML 4Page - ON Semiconductor FPF1007 Datasheet HTML 5Page - ON Semiconductor FPF1007 Datasheet HTML 6Page - ON Semiconductor FPF1007 Datasheet HTML 7Page - ON Semiconductor FPF1007 Datasheet HTML 8Page - ON Semiconductor FPF1007 Datasheet HTML 9Page - ON Semiconductor FPF1007 Datasheet HTML 10Page - ON Semiconductor FPF1007 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.onsemi.com
7
Typical Characteristics
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VON = 5.5V
VON = 0V
0
30
60
90
120
150
180
210
240
1
234
56
VIN, SUPPLY VOLTAGE (V)
85°C
25°C
-40°C
0.1
1
10
100
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 3.3V
RL = 500 Ohms
COUT = 0.1uF
TON
TOFF
FPF1007
10
100
1000
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 3.3V
RL = 500 Ohms
COUT = 0.1uF
TON
TOFF
FPF1008
10
1000
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 3.3V
RL = 500 Ohms
COUT = 0.1uF
TON
TOFF
FPF1009
1
10
100
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
TFALL
TRISE
VIN = 3.3V
RL = 500 Ohms
COUT = 0.1uF
FPF1007
Figure 9. FPF1007 tON / tOFF vs. Temperature
Figure 10. FPF1008 tON / tOFF vs. Temperature
Figure 11. FPF1009 tON / tOFF vs. Temperature
Figure 12. FPF1007 tRISE / tFALL vs. Temperature
Figure 7. On Pin Current vs. Temperature
Figure 8. RON vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com