Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF1007 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FPF1007
Description  Advanced Load Products
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1007 Datasheet(HTML) 5 Page - ON Semiconductor

  FPF1007 Datasheet HTML 1Page - ON Semiconductor FPF1007 Datasheet HTML 2Page - ON Semiconductor FPF1007 Datasheet HTML 3Page - ON Semiconductor FPF1007 Datasheet HTML 4Page - ON Semiconductor FPF1007 Datasheet HTML 5Page - ON Semiconductor FPF1007 Datasheet HTML 6Page - ON Semiconductor FPF1007 Datasheet HTML 7Page - ON Semiconductor FPF1007 Datasheet HTML 8Page - ON Semiconductor FPF1007 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.onsemi.com
5
Electrical Characteristics
VIN = 1.2 V to 5.5 V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3 V and TA = 25°C.
Parameter
Symbol
Conditions
Min. Typ. Max. Units
Basic Operation
Operating Voltage
VIN
1.2
5.5
V
Quiescent Current
IQ
IOUT = 0 mA, VIN = 3.3 V, VON = Enabled
8
µA
IOUT = 0 mA, VIN = 5.5 V, VON = Enabled
15
Off Supply Current
IQ(off)
VON = GND, VOUT = OPEN
1
µA
Off Switch Current
ISD(off)
VON = GND, VOUT = GND
0.1
1.0
µA
On-Resistance
RON
VIN = 5.5 V, IOUT = 200 mA, TA = 25°C
30
40
m
Ω
VIN = 3.3 V, IOUT = 200 mA, TA = 25°C
40
55
VIN = 1.5 V, IOUT = 200 mA, TA = 25°C
100
130
VIN = 1.2 V, IOUT = 200 mA, TA = 25°C
175
250
VIN = 3.3 V, IOUT = 200 mA,
TA = -40°C to +85°C
20
65
Output Pull Down Resistance
RPD
VIN = 3.3 V, VON = 0 V, TA = 25°C
60
Ω
ON Input Logic Low Voltage
VIL
VIN = 1.2 V to 5.5 V
0.4
V
ON Input Logic High Voltage
VIH
VIN = 1.2 V to 5.5 V
1
V
ON Input Leakage (On)
VON = VIN = 5.5 V
10
µA
ON Input Leakage (Off)
VON = GND
1
µA
Dynamic
FPF1007
Turn On
tON
VIN = 3.3 V, RL = 500 Ω, RL_CHIP = 60 Ω,
COUT = 0.1 µF, TA = 25°C
12
µs
Rise Time
tR
10
µs
Turn Off
tOFF
40
µs
Fall Time
tF
15
µs
FPF1008
Turn On
tON
VIN = 3.3 V, RL = 500 Ω, RL_CHIP = 60 Ω,
COUT = 0.1 µF, TA = 25°C
125
µs
Rise Time
tR
80
µs
Turn Off
tOFF
40
µs
Fall Time
tF
15
µs
FPF1009
Turn On
tON
VIN = 3.3 V, RL = 500 Ω, RL_CHIP = 60 Ω,
COUT = 0.1 µF, TA = 25°C
2ms
Rise Time
tR
1ms
Turn Off
tOFF
40
µs
Fall Time
tF
15
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com